Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP265 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP265
Description  Micropower Programmable Quad Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP265 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP265 Datasheet HTML 1Page - National Semiconductor (TI) LP265 Datasheet HTML 2Page - National Semiconductor (TI) LP265 Datasheet HTML 3Page - National Semiconductor (TI) LP265 Datasheet HTML 4Page - National Semiconductor (TI) LP265 Datasheet HTML 5Page - National Semiconductor (TI) LP265 Datasheet HTML 6Page - National Semiconductor (TI) LP265 Datasheet HTML 7Page - National Semiconductor (TI) LP265 Datasheet HTML 8Page - National Semiconductor (TI) LP265 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
36 VDC or g 18 VDC
Differential Input Voltage
g
36 VDC
Input Voltage (Note 1)
b
03V to a36 VDC
Output Short Circuit to VE (Note 2)
Continuous
VOUT with Respect to VE
VEb7VsVOUTsVEa36V
ESD Tolerance (Note 10)
2000V
M Package
N Package
Power Dissipation (Note 3)
500 mW
500 mW
Tj Max
115 C
115 C
ijA
115 CW
90 CW
Lead Temp
(Soldering10 sec)
260 C
(Vapor Phase60 sec)
215 C
(Infrared15 sec)
220 C
Operating Temp Range LP365
0 C s TA s a70 C
Storage Temp Range
b
40 C s TA s a150 C
Electrical Characteristics (Note 4) Low power VSe5V ISETe10 mA
LP365A
LP365
Symbol
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typ
Limit
Limit
Typ
Limit
Limit
(Limit)
(Note 5)
(Note 6)
(Note 5)
(Note 6)
VOS
Input Offset
VCMeOV
13
6
36
9
mV
Voltage
RSe100
(Max)
IOS
Input Offset
VCMe0V
2
20
50
425
75
nA
Current
LP265
425
150
(Max)
IB
Input Bias
VCMe0V
10
50
125
15
75
200
nA
Current
LP265
15
75
300
(Max)
AVOL
Large Signal
RLe100k
500
50
50
300
25
25
VmV
Voltage Gain
(Min)
VCM
Input Common-
0
0
0
0
V
Mode Voltage
(Max)
Range
3
3
3
3
V
(Min)
CMRR
Common-Mode
0sVCMs3V
85
75
70
80
75
70
dB
Rejection Ratio
(Min)
PSRR
Supply Voltage
g
25VsVS
75
65
65
70
65
65
dB
Rejection Ratio
s g
35V
(Min)
IS
Supply Current
All Inputse0V
215
250
300
225
275
300
m
A
RLe %
(Max)
VOH
Output Voltage
VCe5V
V
High
VEe0V
49
45
49
45
(Min)
RLe100k
VOL
Output Voltage
VEe0V
04
04
04
04
V
Low
(Max)
ISINK
Output Sink
VEe0V
24
12
06
20
08
04
mA
Current
VOe04V
(Min)
ILEAK
Output Leakage
VCe5V
250
5000
2
100
5000
nA
Current
VEe0V
(Max)
tR
Response Time
VCCe5V
VEe0V
RLe5k
4
4
m
s
CLe10 pF
(Note 7)
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com