Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7529BJS Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7529BJS
Description  5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7529BJS Datasheet(HTML) 2 Page - Exar Corporation

  MP7529BJS Datasheet HTML 1Page - Exar Corporation MP7529BJS Datasheet HTML 2Page - Exar Corporation MP7529BJS Datasheet HTML 3Page - Exar Corporation MP7529BJS Datasheet HTML 4Page - Exar Corporation MP7529BJS Datasheet HTML 5Page - Exar Corporation MP7529BJS Datasheet HTML 6Page - Exar Corporation MP7529BJS Datasheet HTML 7Page - Exar Corporation MP7529BJS Datasheet HTML 8Page - Exar Corporation MP7529BJS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7529B
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Plastic Dip
Plastic Dip
MP7529BJN
MP7529BKN
–40 to +85
°C
+1
+1/2
+1
+1
+5
+3
SOIC
MP7529BJS
+1+1+5
SOIC
MP7529BKS
+1/2
+1+3
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
MP7529BJP
PLCC
MP7529BKP
–40 to +85
°C
PLCC
–40 to +85
°C
+1+1+5
+1/2
+1+3
INL
(LSB)
Gain Error
(LSB)
DNL
(LSB)
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AGND
DGND
(MSB) DB7
DB6
DB5
DB4
DB0 (LSB)
DB1
DB2
DB3
20 Pin PDIP (0.300”)
N20
RFBA
VREFA
RFBB
VREFB
VDD
20
1
11
10
2
3
4
5
6
7
15
14
13
12
17
16
8
9
19
18
20 Pin SOIC (Jedec, 0.300”)
S20
IOUTA
IOUTB
3
2
1
20
19
9
1011
1213
4
5
6
7
8
18
17
16
15
14
AGND
DGND
(MSB) DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
IOUTB
IOUTA
20 Pin PLCC
P20
RFBA
VREFA
VREFB
VDD
RFBB
See
Pin Out
at Left
See Packaging Section for Package Dimensions
DAC A/DAC B
CS
WR
DAC A/DAC B
CS
WR
PIN OUT DEFINITIONS
PIN NO.
NAME
DESCRIPTION
1
AGND
Analog Ground
2IOUTA
Current Output of DAC A
3RFBA
Internal Feedback Resistor of DAC A
4VREFA
Reference Input Voltage of DAC A
5
DGND
Digital Ground
6
DACA/
DAC selection control
DACB
7
DB7
Data Input Bit 7 (MSB)
8
DB6
Data Input Bit 6
9
DB5
Data Input Bit 5
10
DB4
Data Input Bit 4
PIN NO.
NAME
DESCRIPTION
11
DB3
Data Input Bit 3
12
DB2
Data Input Bit 2
13
DB1
Data Input Bit 1
14
DB0
Data Input Bit 0 (LSB)
15
CS
Chip Select (Active Low)
16
WR
Write Enable (Active Low)
17
VDD
Power Supply
18
VREFB
Reference Input Voltage of DAC B
19
RFBB
Internal Feedback Resistor of DAC B
20
IOUTB
Current Output of DAC B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com