Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7529BJS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7529BJS
Description  5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7529BJS Datasheet(HTML) 1 Page - Exar Corporation

  MP7529BJS Datasheet HTML 1Page - Exar Corporation MP7529BJS Datasheet HTML 2Page - Exar Corporation MP7529BJS Datasheet HTML 3Page - Exar Corporation MP7529BJS Datasheet HTML 4Page - Exar Corporation MP7529BJS Datasheet HTML 5Page - Exar Corporation MP7529BJS Datasheet HTML 6Page - Exar Corporation MP7529BJS Datasheet HTML 7Page - Exar Corporation MP7529BJS Datasheet HTML 8Page - Exar Corporation MP7529BJS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7529B
1
Rev. 2.00
FEATURES
• Very Low Total Harmonic Distortion
• Low Glitch Energy
• Fast Settling Time
• Four Quadrant Multiplication
• On-Chip Latches for Both DACs
• 4.5 V to 5.5 V Operation
• Low Power Consumption
• TTL/5V CMOS Compatible
• Latch-Up Free
• 15 V Operation: MP7529A
5 V CMOS
Dual Buffered Multiplying 8-Bit
Digital-to-Analog Converter
BENEFITS
• Quiet Operation in Audio Applications
• Easy Interface to Microprocessors
GENERAL DESCRIPTION
The MP7529B is a dual 8-bit Digital-to-Analog Converter
featuring excellent DAC to DAC matching, tracking and
specifically optimized for applications requiring low total
harmonic distortion.
The MP7529B is manufactured using
advanced thin film resistors on a double metal CMOS process.
The MP7529B incorporates a unique bit decoding technique
yielding lower glitch energy, higher speed and excellent
accuracy over temperature and time.
Data is transferred to either of the two D/A Converter latches
via a common 8-bit TTL/5 V CMOS compatible input port. The
control input DAC A/DAC B determines which D/A is to be
loaded.
The device operates from a 4.5 V to 5.5 V power supply, and
is TTL-compatible over this range. Power dissipation is only 10
mW. Both DACs offer excellent four quadrant multiplication
characteristics, and include separate reference inputs and
feedback resistors.
An improved latch-up resistant design
eliminates the need for external protective Schottky diodes in
most applications.
SIMPLIFIED BLOCK AND TIMING DIAGRAM
DGND
LATCH A
LATCH B
DAC A
DAC B
D
E
Q
D
E
Q
DB7-DB0
OUT
DB7-DB0
AGND
VDD
VREFA
RFBA
IOUTA
RFBB
IOUTB
VREFB
DAC A/DAC B
CS
WR
DAC A/DAC B
CS
WR


Similar Part No. - MP7529BJS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JN EXAR-MP7523JN Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JS EXAR-MP7523JS Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KN EXAR-MP7523KN Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KS EXAR-MP7523KS Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
More results

Similar Description - MP7529BJS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com