Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS140A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS140A
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140A Datasheet(HTML) 2 Page - STMicroelectronics

  STPS140A Datasheet HTML 1Page - STMicroelectronics STPS140A Datasheet HTML 2Page - STMicroelectronics STPS140A Datasheet HTML 3Page - STMicroelectronics STPS140A Datasheet HTML 4Page - STMicroelectronics STPS140A Datasheet HTML 5Page - STMicroelectronics STPS140A Datasheet HTML 6Page - STMicroelectronics STPS140A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPS140
2/7
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.4 x IF(AV) + 0.10 IF
2
(RMS)
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
SMB
25
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
12
µA
Tj = 100°C
0.25
2
mA
VF **
Forward voltage drop
Tj = 25°C
IF = 1A
0.55
V
Tj = 125°C
0.43
0.45
Tj = 25°C
IF = 2A
0.65
Tj = 125°C
0.53
0.6
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5)
Figure
3:
Normalized
avalanche
power
derating versus pulse duration
Figure
4:
Normalized
avalanche
power
derating versus junction temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
P
(W)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
I
(A)
F(AV)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
F(AV)
T
δ=tp/T
tp
T
(°C)
amb
R=R
th(j-a)
th(j-I)
SMB
R
=80°C/W
S
=1.5cm
th(j-a)
(CU)
2
SMA
R
=100°C/W
S
=1.5cm
th(j-a)
(CU)
2
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com