Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS140A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS140A
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140A Datasheet(HTML) 3 Page - STMicroelectronics

  STPS140A Datasheet HTML 1Page - STMicroelectronics STPS140A Datasheet HTML 2Page - STMicroelectronics STPS140A Datasheet HTML 3Page - STMicroelectronics STPS140A Datasheet HTML 4Page - STMicroelectronics STPS140A Datasheet HTML 5Page - STMicroelectronics STPS140A Datasheet HTML 6Page - STMicroelectronics STPS140A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS140
3/7
Figure 5: Non repetitive surge peak forward
current versus overload duration (maximum
values) (SMA)
Figure 6: Non repetitive surge peak forward
current versus overload duration (maximum
values) (SMB)
Figure
7:
Relative
variation
of
thermal
impedance junction to ambient versus pulse
duration
(epoxy
printed
circuit
board,
e(Cu)=35µm, recommended pad layout) (SMA)
Figure
8:
Relative
variation
of
thermal
impedance junction to ambient versus pulse
duration
(epoxy
printed
circuit
board,
e(Cu)=35µm, recommended pad layout) (SMB)
Figure 9: Reverse leakage current versus
reverse voltage applied (typical values)
Figure
10:
Junction
capacitance
versus
reverse voltage applied (typical values)
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
I (A)
M
IM
t
δ=0.5
T =25°C
a
T =50°C
a
T =100°C
a
t(s)
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
I (A)
M
IM
t
δ=0.5
T =25°C
a
T =50°C
a
T =100°C
a
t(s)
1E-2
1E-1
1E+0
1E+1
1E+2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
0
5
10
15
20
25
30
35
40
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
I (µA)
R
V (V)
R
T =125°C
j
T =75°C
j
T =25°C
j
12
5
10
20
50
10
20
50
100
200
C(pF)
V (V)
R
F=1MHz
T =25°C
j



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com