Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS140U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS140U
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS140U Datasheet HTML 1Page - STMicroelectronics STPS140U Datasheet HTML 2Page - STMicroelectronics STPS140U Datasheet HTML 3Page - STMicroelectronics STPS140U Datasheet HTML 4Page - STMicroelectronics STPS140U Datasheet HTML 5Page - STMicroelectronics STPS140U Datasheet HTML 6Page - STMicroelectronics STPS140U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Product Characteristics
IF(AV)
1 A
VRRM
40 V
Tj (max)
150°C
VF(max)
0.5 V
STPS140
POWER SCHOTTKY RECTIFIER
REV. 8
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS) RMS forward voltage
7
A
IF(AV)
Average forward current
SMA
TL = 130°C δ = 0.5
1A
SMB
TL = 135°C δ = 0.5
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
60
A
IRRM
Repetitive peak reverse current
tp = 2µs F = 1kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100µs square
1
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
900
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
SMA
(JEDEC DO-214AC)
STPS140A
SMB
(JEDEC DO-214AA)
STPS140U
August 2004
FEATURES AND BENEFITS
■ Very small conduction losses
■ Negligible switching losses
■ Low forward voltage drop
■ Surface mount miniature packages
■ Avalanche capability specified
DESCRIPTION
Single chip Schottky rectifiers suited to Switched
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in SMA and SMB, this device is
especially intended for surface mounting and used
in low voltage, high frequency inverters, free
wheeling and polarity protection applications.
Table 2: Order Codes
Part Number
Marking
STPS140A
S140
STPS140U
G14


Similar Part No. - STPS140U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS140U STMICROELECTRONICS-STPS140U Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
More results

Similar Description - STPS140U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com