Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP365 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP365
Description  Micropower Programmable Quad Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP365 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP365 Datasheet HTML 2Page - National Semiconductor (TI) LP365 Datasheet HTML 3Page - National Semiconductor (TI) LP365 Datasheet HTML 4Page - National Semiconductor (TI) LP365 Datasheet HTML 5Page - National Semiconductor (TI) LP365 Datasheet HTML 6Page - National Semiconductor (TI) LP365 Datasheet HTML 7Page - National Semiconductor (TI) LP365 Datasheet HTML 8Page - National Semiconductor (TI) LP365 Datasheet HTML 9Page - National Semiconductor (TI) LP365 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications (Continued)
Slow Op Amp (Inverter)
TLH5023 – 10
RB e Va 20 mA
Unlike most comparators the LP365 can be used as an op amp if suitable
R-C damping networks are used
Slow Op Amp (Unity-Gain Follower)
TLH5023 – 11
RB e Va 20 mA
The LP365 can also be used as a high-input-impedance follower-amplifier
with the damping components shown
Chopping Outputs
TLH5023 – 12
Chopping the outputs by modulating the ISET current allows data to be trans-
mitted via opto-couplers transformers etc
Low Battery Detector
TLH5023 – 13
IS
6V e 45 mA
IS
38V e 1 mA
f e 3 kHz
Comparator A detects when the supply voltage drops to 4V and enables
comparator B to drive a piezoelectric alarm
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com