Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP365 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP365
Description  Micropower Programmable Quad Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP365 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP365 Datasheet HTML 1Page - National Semiconductor (TI) LP365 Datasheet HTML 2Page - National Semiconductor (TI) LP365 Datasheet HTML 3Page - National Semiconductor (TI) LP365 Datasheet HTML 4Page - National Semiconductor (TI) LP365 Datasheet HTML 5Page - National Semiconductor (TI) LP365 Datasheet HTML 6Page - National Semiconductor (TI) LP365 Datasheet HTML 7Page - National Semiconductor (TI) LP365 Datasheet HTML 8Page - National Semiconductor (TI) LP365 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH5023
December 1994
LP265LP365 Micropower Programmable
Quad Comparator
General Description
The LP365 consists of four independent voltage compara-
tors The comparators can be programmed four at the
same time for various supply currents input currents re-
sponse times and output current drives This is accom-
plished by connecting a single resistor between the VCC
and ISET pins
These comparators can be operated from split power sup-
plies or from a single power supply over a wide range of
voltages The input can sense signals at ground level even
with single supply operation The unique output NPN tran-
sistor stages are uncommitted to either power supply They
can be connected directly to various logic system supplies
so that they are highly flexible to interface with various logic
families
Application areas include battery power circuits threshold
detectors zero crossing detectors simple serial AD con-
verters VCO multivibrators voltage converters power se-
quencers and high performance VF converters and RTD
linearization
Features
Y
Single programming resistor to tailor power consump-
tion
input current
speed and output current drive
capability
Y
Wide single supply voltage range or dual supplies (4
VDC to 36 VDC or g20 VDC to g18 VDC)
Y
Low supply current drain (10 mA) and low power
consumption (10 mWcomparator)
ISET e 05 mA
VCC e 5VDC
Y
Uncommitted output stageselectable output levels
Y
Output directly compatible with DTL TTL CMOS MOS
or other special logic families
Y
Input common-mode range includes ground
Y
Differential input voltage equal to the power supply
voltage
Typical Connection
TLH5023 – 1
Programming Equation
ISETe
(Va)b(Vb)b13V
RSET
ISUPPLY 22cISET
Connection Diagram
Dual-In-Line Package
TLH5023 – 2
Order Number LP365M LP365AN or LP365N
See NS Package Numbers M16A or N16A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LP365

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP36 ALTECH-LP36 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP36-1320 SUPERWORLD-LP36-1320 Datasheet
110Kb / 1P
POWER TRANSFORMER
LP36-165 SUPERWORLD-LP36-165 Datasheet
109Kb / 1P
POWER TRANSFORMER
LP36-330 SUPERWORLD-LP36-330 Datasheet
109Kb / 1P
POWER TRANSFORMER
LP36-660 SUPERWORLD-LP36-660 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - LP365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
Micropower Dual Comparator
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
Quad Comparator with Programmable Threshold
Rev 1; 8/94
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
MicroPower Quad Comparator
logo
Linear Technology
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
Dual Micropower Comparator
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Linear Technology
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
logo
Texas Instruments
TLV1701 TI1-TLV1701_15 Datasheet
2Mb / 33P
microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com