Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASS-ASB Datasheet(PDF) 3 Page - StarHope

Part # ASS-ASB
Description  Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASS-ASB Datasheet(HTML) 3 Page - StarHope

  ASS-ASB Datasheet HTML 1Page - StarHope ASS-ASB Datasheet HTML 2Page - StarHope ASS-ASB Datasheet HTML 3Page - StarHope ASS-ASB Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 3 of 4
Ratings and Characteristic Curves (TA=25
unless otherwise noted)
Fig.4 Peak Pulse Power Rating Cure
Fig.2 Pulse Waveform
0
0
1.0
2.0
4.0
3.0
10/1000uS
Waveform
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
td-Pulse Width (Sec.)
Fig.1 Power Derating Cure
0
0
25
50
75 100 125 150
20
40
60
80
100
120
Ambient Temperature.T (
)
A
..
.
ASB(8KW) Series
175 200
Fig.3 Steady State Power Derating Curve
0
0.0
25
50
75 100 125 150
2.0
4.0
6.0
8.0
Lead Temperature.T (
)
L
175 200
Fig.5 Ri-Vs chart for ISO-16750-2 Test A : 12V System
85
80
90
100
95
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
V (volt)
S
Td:400ms
Fig.6 Ri-Vs chart for ISO-16750-2 Test A : 24V System
161
151
171
201
191
8
7
6
5
4
3
2
1
V (volt)
S
181
Td:350ms
REV 2016 08 10
..
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com