Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASS-ASB Datasheet(PDF) 4 Page - StarHope

Part # ASS-ASB
Description  Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASS-ASB Datasheet(HTML) 4 Page - StarHope

  ASS-ASB Datasheet HTML 1Page - StarHope ASS-ASB Datasheet HTML 2Page - StarHope ASS-ASB Datasheet HTML 3Page - StarHope ASS-ASB Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 4 of 4
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
Time
25
time to peak temperature
(t 25
to peak)
℃
T (min)
s
T (max)
s
TL
TP
IR Reflow Condition
Pre Heat
Temperature Min(T
)
s(min)
Temperature Max(T
)
s(max)
Time(Min to Max)(t )
s
Ramp up rate(150-200
)
℃
Ramp up rate(220-200
)
℃
Reflow
Temperature(T )(Liquidus)
L
Temperature(t )
L
Peak Temp(T )
P
Time within actual Peak Temp(t )
P
Ramp-down Rate
Time 25
to Peak Temp(T )
℃
P
Do not exceed
150
℃
200
℃
60-180secs
3
/sec.Max.
℃
220
Min.
℃.
60-150secs
+260(+0/-5)
℃
℃
3
/sec.Max.
10-30 secs
5
/sec.Max.
℃
6 min.Max.
280
℃
Marking Code
Tape And Reel Specification
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
ASB***
750
330
EIA RS-481
ASB(8KW) Series
Tape Size
24(0.945)
A Max.
330
2.0
±
(13.0
0.079)
±
B Min.
1.5(0.059)
C
13.0
0.20
±
(0.51
0.0008)
±
20.2(0.795)
D Min.
N Min.
50(1.97)
G Max.
26.4(1.039)
T Max.
30.4(1.197)
ts
tL
tP
Preheat
Ramp-up
REV 2016 08 10
..
.
****
Marking Code
Logo
Date Code
ASB22A
Cathode Band



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com