Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2053-23-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2053-23-SM-RPLF
Description  Light Duty 2-Electrode Miniature Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2053-23-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2053-23-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2053-23-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Size:4mmdiameter,4.2mmlength
n
Mini-surfacemountfootprint
n
Lowcapacitance
n
Highinsulationresistance
n
RoHScompliant*
n
ULRecognized
Applications
n
Telecommunicationsequipment
n
Industrialequipment/electronics
n
Consumerelectronics
Characteristics
2053SeriesLightDuty2-ElectrodeMiniatureGasDischargeTube
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Test Methods per ITU-T K.12 and IEC 61643-311.
Insulation Resistance (IR) (2)........................... 50/100/250 V ....................................................> 1 GΩ
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... >1 A...................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 1 A
Capacitance..................................................... 1 MHz ...............................................................0.5 pF typical
Maximum Impulse Discharge Current ............. 5,000 A, 8/20 µs................................................1 operation
3,000 A, 8/20 µs................................................10 operations
Nominal Alternating Discharge Current ........... 3 A, 50 Hz, 1 second.........................................1 operation
6 A, 9 cycles......................................................1 operation
Impulse Life
100 A, 10/1000 µs.............................................300 operations
DC Holdover Voltage (3) .............................................................................................................< 150 ms
Operating Temperature...............................................................................................................-40 to +85 °C
Storage Temperature..................................................................................................................-40 to +115 °C
Climatic Category (IEC 60068-1)................................................................................................40/90/21
Notes:
• UL Recognized component, UL File E153537.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
(2)
DC Sparkover Voltage
DC Measuring Voltage
75–90 V
50 V
120–400 V
100 V
470–600 V
250 V
(3)
Network Applied
DC Sparkover Voltage
DC Holdover Voltage
75–145 V
52 V
230–250 V
80 V
300–600 V
150 V
Characteristic
Model No.
2053-07
2053-09
2053-14
2053-23
2053-25
DC Sparkover ± 20 % @ 100 V/s
75 V
90 V
145 V
230 V
250 V
Impulse Sparkover (1)
100V/μs
1000V/μs
< 700 V
< 800 V
< 700 V
< 800 V
< 700 V
< 800 V
< 600 V
< 700 V
< 600 V
< 700 V
Characteristic
Model No.
2053-30
2053-35
2053-40
2053-47
2053-60
DC Sparkover ± 20 % @ 100 V/s
300 V
350 V
400 V
470 V
600 V
Impulse Sparkover (1)
100V/μs
1000V/μs
< 600 V
< 700 V
< 650 V
< 800 V
< 700 V
< 800 V
< 800 V
< 900 V
< 900 V
< 1000 V
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2053-23-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2053-23-SM-RPLF BOURNS-2053-23-SM-RPLF Datasheet
229Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
More results

Similar Description - 2053-23-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2045-07 BOURNS-2045-07 Datasheet
245Kb / 2P
2045 Series Medium Duty 2-Electrode Gas Discharge Tube
2049-07 BOURNS-2049-07 Datasheet
248Kb / 2P
2049 Series Medium Duty 2-Electrode Gas Discharge Tube
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
Medium Duty 2-Electrode Gas Discharge Tube
2045-07 BOURNS-2045-07_15 Datasheet
231Kb / 2P
Medium Duty 2-Electrode Gas Discharge Tube
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
Heavy-Duty 3-Electrode Gas Discharge Tube
2052-23 BOURNS-2052-23 Datasheet
240Kb / 2P
Light Duty 3-Electrode Symmetrical Gas Discharge Tube
2053-07 BOURNS-2053-07 Datasheet
229Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
2056-09 BOURNS-2056-09 Datasheet
192Kb / 2P
Light Duty 3-Electrode Gas Discharge Tube
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
2057 BOURNS-2057 Datasheet
270Kb / 2P
Light Duty 2-Electrode Miniature Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com