Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2053-23-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2053-23-SM-RPLF
Description  Light Duty 2-Electrode Miniature Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2053-23-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2053-23-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2053-23-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2053SeriesLightDuty2-ElectrodeMiniatureGasDischargeTube
Product Dimensions
How to Order
2053 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
07 = 75 V
30 = 300 V
09 = 90 V
35 = 350 V
14 = 145 V
40 = 400 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Surface Mount
Packaging
RP = Reelpack
RoHS Compliancy
LF = RoHS Compliant Product
Recommended Pad Layout
Packaging Specifications
The Model 2053-xx-SM ships standard reelpack (-RP),
900 pieces per reel, 2,700 pieces per box. Reel is 330 mm in
diameter and 16 mm wide.
4.0±0.2
(.157±.008)
0.5±0.1
(.020±.004)
4.2±0.2
(.165±.008)
4.2±0.2
(.165±.008)
3.5
(.138)
1.3
(.051)
5.0
(.197)
4.0±0.2
(.157±.008)
0.5±0.1
(.020±.004)
4.2±0.2
(.165±.008)
4.2±0.2
(.165±.008)
3.5
(.138)
1.3
(.051)
5.0
(.197)
1.55 ± 0.05
(.061 ± .002)
DIA.
4.0 ± 0.1
(.157 ± .004)
1.75 ± 0.1
(.069 ± .004)
16.0 ± 0.3
(.630 ± .012)
7.5 ± 0.1
(.295 ± .004)
12.0 ± 0.1
(.472 ± .004)
0.5 ± 0.05
(.020 ± .002)
4.6 +0.2/-0.1
(.181 +.008/-.004)
REV. C 04/17
DIMENSIONS:
MM
(INCHES)
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com