Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC6048 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC6048
Description  High-Speed Octal Programmable Timing Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6048 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC6048 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6048
High-Speed Octal
Programmable Timing Generator
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52335-0,Rev.4.0
Absolute Maximum Ratings(1)
Power Supply Voltage (VTT) ..........................................................................................................-2.5V to +0.5V
Power Supply Voltage (VDACREF) .................................................................................................-0.5V to +4.3V
Power Supply Voltage (VTTL) ........................................................................................................-0.5V to +4.3V
ECL Input Voltage Applied, (VIN ECL) ................................................................................+0.5V to VTT + -0.5V
TTL Input Voltage Applied, (VIN TTL)................................................................................. -0.5V to VTTL + 1.0V
Output Current (IOUT) ................................................................................................................................... 50mA
Case Temperature Under Bias (TC)............................................................................................. -55
oC to + 125oC
Storage Temperature (TSTG)........................................................................................................ -65
oC to + 150oC
Recommended Operating Conditions
Power Supply Voltage (VTT)..................................................................................................................-2.0V
%
Power Supply Voltage (VDACREF) ........................................................................................................+3.0V
%
Power Supply Voltage (VTTL) ...............................................................................................................+3.3V
%
Commercial Operating Temperature Range(2) (T) .............................................................................. 0oC to 70oC
NOTES: (1) Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing
permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
(2) Lower limit of specification is ambient temperature and upper limit is case temperature.
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC6048 is rated to the following
ESD voltages based on the human body model:
1. All pins are rated at or above 1500V.
5
±
5
±
5
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com