Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC6048 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC6048
Description  High-Speed Octal Programmable Timing Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6048 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC6048 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6048
G52335-0, Rev. 4.0
High-Speed Octal
Programmable Timing Generator
109
OUT1
ECL
O
Delayed Signal Output Channel 1
110
OUT1N
ECL
O
Delayed Signal Output Channel 1 Complementary
111
VCC
—
0V
Ground
112
OUT0
ECL
O
Delayed Signal Output Channel 0
113
OUT0N
ECL
O
Delayed Signal Output Channel 0, Complementary
114
ADR0
TTL
I
Address Bit 0 for Vernier Calibration
115
ADR1
TTL
I
Address Bit 1 for Vernier Calibration
116
ADR2
TTL
I
Address Bit 2 for Vernier Calibration
117
FSEL
TTL
I
Selects Reference Clock Frequency
118
BYP
TTL
I
PLL Bypass Mode
119
VCC
—
0V
Ground
120
TSET00
TTL
I
Timeset Data for Channel 0, Bit 0
121
VTT
—
-2.0V
Power Supply
122
VCC
—
0V
Ground
123
TSET01
TTL
I
Timeset Data for Channel 0, Bit 1
124
TSET02
TTL
I
Timeset Data for Channel 0, Bit 2
125
TSET03
TTL
I
Timeset Data for Channel 0, Bit 3
126
TSET04
TTL
I
Timeset Data for Channel 0, Bit 4
127
TSET05
TTL
I
Timeset Data for Channel 0, Bit 5
128
TSET06
TTL
I
Timeset Data for Channel 0, Bit 6
129
TSET07
TTL
I
Timeset Data for Channel 0, Bit 7
130
TSET08
TTL
I
Timeset Data for Channel 0, Bit 8
131
TSET09
TTL
I
Timeset Data for Channel 0, Bit 9
132
VTTL
—
+3.3V
TTL Power Supply
133
TSET10
TTL
I
Timeset Data for Channel 1, Bit 0
134
TSET11
TTL
I
Timeset Data for Channel 1, Bit 1
135
TSET12
TTL
I
Timeset Data for Channel 1, Bit 2
136
TSET13
TTL
I
Timeset Data for Channel 1, Bit 3
137
TSET14
TTL
I
Timeset Data for Channel 1, Bit 4
138
TSET15
TTL
I
Timeset Data for Channel 1, Bit 5
139
TSET16
TTL
I
Timeset Data for Channel 1, Bit 6
140
VTT
—
-2.0V
Power Supply
141
TSET17
TTL
I
Timeset Data for Channel 1, Bit 7
142
TSET18
TTL
I
Timeset Data for Channel 1, Bit 8
143
TSET19
TTL
I
Timeset Data for Channel 1, Bit 9
144
TSET20
TTL
I
Timeset Data for Channel 2, Bit 0
145
TSET21
TTL
I
Timeset Data for Channel 2, Bit 1
146
TSET22
TTL
I
Timeset Data for Channel 2, Bit 2
147
VCC
—
0V
Ground,
Pin #
Signal Name
Signal Type
Levels
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com