Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952AIN Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2952AIN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2952AIN Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP2952AIN Datasheet HTML 12Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 13Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 14Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 15Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 16Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 17Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 18Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 19Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Hints (Continued)
SHUTDOWN INPUT
A logic-level signal will shut off the regulator output when a
“LOW” (<1.2V) is applied to the Shutdown input.
To prevent possible mis-operation, the Shutdown input must
be actively terminated. If the input is driven from open-
collector logic, a pull-up resistor (20 k
Ω to 100 kΩ recom-
mended) should be connected from the Shutdown input to
the regulator input.
If the Shutdown input is driven from a source that actively
pulls high and low (like an op-amp), the pull-up resistor is not
required, but may be used.
If the shutdown function is not to be used, the cost of the
pull-up resistor can be saved by simply tying the Shutdown
input directly to the regulator input.
IMPORTANT: Since the Absolute Maximum Ratings state
that the Shutdown input can not go more than 0.3V below
ground, the reverse-battery protection feature which protects
the regulator input is sacrificed if the Shutdown input is tied
directly to the regulator input.
If reverse-battery protection is required in an application, the
pull-up resistor between the Shutdown input and the regula-
tor input must be used.
Typical Applications
Basic 5V Regulator
01112715
5V Current Limiter with Load Fault Indicator
01112716
* Output voltage equals +VIN minum dropout voltage, which varies with
output current. Current limits at a maximum of 380 mA (typical).
** Select R1 so that the comparator input voltage is 1.23V at the output
voltage which corresponds to the desired fault current value.
Low T.C. Current Sink
01112717
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com