Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952AIN Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2952AIN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2952AIN Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP2952AIN Datasheet HTML 13Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 14Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 15Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 16Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 17Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 18Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 19Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 20Page - National Semiconductor (TI) LP2952AIN Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Typical Applications (Continued)
5V Regulator with Error Flags for
LOW BATTERY and OUT OF REGULATION
01112718
* Connect to Logic or µP control inputs.
LOW BATT flag warns the user that the battery has discharged down to about 5.8V, giving the user time to recharge the battery or power down some hardware
with high power requirements. The output is still in regulation at this time.
OUT OF REGULATION flag indicates when the battery is almost completely discharged, and can be used to initiate a power-down sequence.
5V Battery Powered Supply with Backup and Low Battery Flag
01112719
The circuit switches to the NI-CAD backup battery when the main battery voltage drops below about 5.6V, and returns to the main battery when its voltage is
recharged to about 6V.
The 5V MAIN output powers circuitry which requires no backup, and the 5V MEMORY output powers critical circuitry which can not be allowed to lose power.
* The BATTERY LOW flag goes low whenever the circuit switches to the NI-CAD backup battery.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com