Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB92ASWT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSB92ASWT1G
Description  PNP Silicon General Purpose High Voltage Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSB92ASWT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MSB92ASWT1G Datasheet HTML 1Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 2Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 3Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 4Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2010
December, 2010 − Rev. 5
1
Publication Order Number:
MSB92ASWT1/D
MSB92ASWT1G,
MSB92AS1WT1G
PNP Silicon General
Purpose High Voltage
Transistor
This PNP Silicon Planar Transistor is designed for general purpose
amplifier applications. This device is housed in the SC-70/SOT-323
package which is designed for low power surface mount applications.
Features
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
−300
Vdc
Collector-Emitter Voltage
V(BR)CEO
−300
Vdc
Emitter-Base Voltage
V(BR)EBO
−5.0
Vdc
Collector Current − Continuous
IC
500
mAdc
ESD Rating:
Human Body Model
Machine Model
ESD
Class 1C
Class C
−
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
Device
Package
Shipping†
ORDERING INFORMATION
COLLECTOR
3
1
BASE
2
EMITTER
MSB92ASWT1G
SC−70
(Pb−Free)
3000/Tape & Reel
http://onsemi.com
MSB92AS1WT1G
SC−70
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SC−70 (SOT−323)
CASE 419
STYLE 3
MARKING DIAGRAM
3
1
2
Dx
= Device Code
M
= Date Code*
G
= Pb−Free Package
D3 M G
G
1
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
D5 M G
G
1
MSB92ASWT1G
MSB92AS1WT1G


Similar Part No. - MSB92ASWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
94Kb / 3P
PNP Silicon General Purpose High Voltage Transistor
September, 2010 ??Rev. 3
More results

Similar Description - MSB92ASWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
AUK corp
2N5401 AUK-2N5401 Datasheet
202Kb / 3P
PNP Silicon Transistor (General purpose amplifier High voltage application)
logo
ON Semiconductor
MSB92ASWT1 ONSEMI-MSB92ASWT1 Datasheet
46Kb / 6P
PNP Silicon General Purpose High Voltage Transistor
May, 2003 - Rev. 0
MSB92T1G ONSEMI-MSB92T1G Datasheet
79Kb / 4P
PNP Silicon General Purpose High Voltage Transistor
August, 2007 - Rev. 0
MSB92WT1 ONSEMI-MSB92WT1 Datasheet
61Kb / 4P
PNP Silicon General Purpose High Voltage Transistor
January, 2006 ??Rev. 6
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
94Kb / 3P
PNP Silicon General Purpose High Voltage Transistor
September, 2010 ??Rev. 3
MSB92WT1G ONSEMI-MSB92WT1G Datasheet
123Kb / 4P
PNP Silicon General Purpose High Voltage Transistor
October, 2010 -- Rev. 7
MSB92T1G ONSEMI-MSB92T1G_12 Datasheet
99Kb / 4P
PNP Silicon General Purpose High Voltage Transistor
July, 2012 ??Rev. 1
logo
AiT Semiconductor Inc.
MMBTA92L AITSEMI-MMBTA92L Datasheet
569Kb / 6P
GENERAL PURPOSE TRANSISTORS HIGH VOLTAGE TRANSISTOR PNP SILICON
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com