Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB92ASWT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MSB92ASWT1G
Description  PNP Silicon General Purpose High Voltage Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSB92ASWT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MSB92ASWT1G Datasheet HTML 1Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 2Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 3Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 4Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSB92ASWT1G, MSB92AS1WT1G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. DC Current Gain
Figure 2. VCE(sat) Curve
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0
200
400
0.1
0.01
0.001
0.0001
0
0.1
0.2
0.5
0.6
Figure 3. VBE(sat) Curve
Figure 4. VBE(on) Curve
Figure 5. Current−Gain Bandwidth Product
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
IC, COLLECTOR CURRENT (mA)
IB, BASE CURRENT (mA)
10
1
0.1
1
1000
100
10
0.1
0.01
0.001
0.0001
0
0.4
1.6
2.0
100
300
150°C
VCE = 5 V
25°C
IC/IB = 10
150°C
−55°C
0.3
0.4
0.7
100
VCE = 20 V
TA = 25°C
10
100
TA = 25°C
IC = 50 mA
25°C
−55°C
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.4
0.7
0.8
25°C
IC/IB = 10
150°C
−55°C
0.5
0.6
1.0
0.9
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.4
0.7
0.8
25°C
150°C
−55°C
0.5
0.6
1.0
0.9
1.2
1.1
VCE = 5 V
0.8
1.2
1
IC = 10 mA
1.0 mA
0.1 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com