Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE57607 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE57607
Description  Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57607 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE57607 Datasheet HTML 1Page - NXP Semiconductors NE57607 Datasheet HTML 2Page - NXP Semiconductors NE57607 Datasheet HTML 3Page - NXP Semiconductors NE57607 Datasheet HTML 4Page - NXP Semiconductors NE57607 Datasheet HTML 5Page - NXP Semiconductors NE57607 Datasheet HTML 6Page - NXP Semiconductors NE57607 Datasheet HTML 7Page - NXP Semiconductors NE57607 Datasheet HTML 8Page - NXP Semiconductors NE57607 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product data
NE57607
Two-cell Lithium-ion battery protection with
overcurrent, over- and under-voltage protection
2
2001 Oct 03
853-2297 27198
GENERAL DESCRIPTION
The NE57607 is a family of 2-cell Li-ion protection ICs. Its over- and
under-voltage accuracy is trimmed to within
±25 mV (5%) and is
available to match the requirements of all lithium-ion cells
manufactured in the market today.
The NE57607 comes in the small VSOP-8A package.
FEATURES
• Trimmed overvoltage trip point to within ±25 mV
• Programmable overvoltage trip time delay
• Trimmed undervoltage trip point to within ±25 mV
• Very low undervoltage sleep quiescent current 0.05 mA
• Discharge overcurrent cutoff
• Low operating current (10 mA)
• Very small package VSOP-8A
APPLICATIONS
• Cellular phones
• Palmtop computers
SIMPLIFIED DEVICE DIAGRAM
SL01564
87
NE57607
5
4
3
21
+
6
–
CHARGER
OR
LOAD
Li-ION CELL
Li-ION CELL
Figure 1. Simplified device diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com