Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE57607 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE57607
Description  Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57607 Datasheet(HTML) 4 Page - NXP Semiconductors

  NE57607 Datasheet HTML 1Page - NXP Semiconductors NE57607 Datasheet HTML 2Page - NXP Semiconductors NE57607 Datasheet HTML 3Page - NXP Semiconductors NE57607 Datasheet HTML 4Page - NXP Semiconductors NE57607 Datasheet HTML 5Page - NXP Semiconductors NE57607 Datasheet HTML 6Page - NXP Semiconductors NE57607 Datasheet HTML 7Page - NXP Semiconductors NE57607 Datasheet HTML 8Page - NXP Semiconductors NE57607 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product data
NE57607
Two-cell Lithium-ion battery protection with
overcurrent, over- and under-voltage protection
2001 Oct 03
4
MAXIMUM RATINGS
SYMBOL
PARAMETER
Min.
Max.
UNIT
VIN(max)
Input voltage
–0.3
+18
V
VCF(max)
Maximum CF pin voltage
–
VIN–0.6
V
VCS(max)
Maximum CS pin voltage
–
VIN–0.6
V
Topr
Operating ambient temperature range
–20
+70
°C
Tstg
Storage temperature
–40
+125
°C
PD
Power dissipation
–
300
mW
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; VCEL = V4–V3 = V3–V2 = V2–V1 = V1–GND; VCC = 4VCEL, except where noted otherwise.
SYMBOL
PARAMETER
CONDITIONS
Min.
Typ.
Max.
UNIT
VOC
Overcharge detection voltage
Tamb = 0 °C ∼ 50 °C
4.325
4.350
4.375
V
VOC
Overcharge detection hysteresis
voltage
170
220
270
mV
VOD
Overdischarge detection voltage
2.20
2.30
2.40
V
IVC2(1)
Consumption current 1
VC2 = VC1 = 1.0 V; VCS = 1.4 V
–
–
0.1
µA
IVC2(2)
Consumption current 2
VC2 = VC1 = 1.9 V; VCS = 3.2 V
–
0.5
0.8
µA
IVC23
Consumption current 3
VC2 = VC1 = 3.5 V
–
15.0
20.0
µA
IVC24
Consumption current 4
VC2 = VC1 = 4.5 V; ROC = 270 kΩ
–
–
150
µA
IVC1
VC1 pin input current
VC2 = VC1 = 3.5 V
–0.3
0
0.3
µA
VDF
Overdischarge release voltage
Discharge resume by voltage rise
3.30
3.50
3.70
V
VGDH
GD pin HIGH output voltage
VC2 = VC1 = 3.5 V; IL = –10 µA
VC2–0.3
VC2–0.2
–
V
VGDL
GD pin LOW output voltage
VC2 = VC1 = 3.5 V; IL = 10 µA
–
0.2
0.3
V
ICFH
CF pin output current
VC2 = VC1 = 4.5 V
–
30
150
µA
VCS1
Overcurrent detection threshold value
135
150
165
mV
VCS2
Short circuit threshold value
When both battery pack pins are shorted
0.35
0.45
0.55
V
Overcurrent release
Load release: Load of 5MEG
& or more between both battery pack pins
tOC1
Overcurrent detection delay time 1
7
12
18
ms
tOC2
Overcurrent detection delay time 2
Note 1
–
30
100
µs
tOD
Overdischarge detection delay time
8
13
20
ms
tOCH
Overcharge detection dead time
CDLY = 0.18 µF; Note 2
0.5
1.0
1.5
s
VST
Start-up voltage
VC2 = VC1 = 2.5 V
–0.24
–0.12
–0.04
V
NOTES:
1. The short-circuit delay time is for the IC only. This time will increase with the discharge FET gate capacitance. The short-circuit condition
may cause the cell voltage to collapse and lengthen the delay.
2. Calculate overcharge dead time according to the following formula:
Talm – 5.55 × CTD
(time expressed in seconds, capacitance in
µF)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com