Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFV10D301K Datasheet(PDF) 4 Page - Ceramate Technical

Part # NFV10D301K
Description  VARISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

NFV10D301K Datasheet(HTML) 4 Page - Ceramate Technical

  NFV10D301K Datasheet HTML 1Page - Ceramate Technical NFV10D301K Datasheet HTML 2Page - Ceramate Technical NFV10D301K Datasheet HTML 3Page - Ceramate Technical NFV10D301K Datasheet HTML 4Page - Ceramate Technical NFV10D301K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPE
NFV10D□□□
□□□
□□□
□□□K
MODEL
PAGE
4/5
CITATION
DATE
Oct. 15, 2001
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
B01
4. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
4.0
Standard Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5〜35℃
Relative humidity:
45〜85 % RH
4.1
Maximum Allowable
Voltage
AC : *
*
*
*(2) Vrms
DC : *
*
*
*(2) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
4.2
Varistor Voltage
V1mA : *
*
*
*(2) V
Voltage across the varistor measured at CmA DC.
4.3
Varistor Voltage
Temperature
Coefficient
0 〜
−−−−0.05 %/℃
VCmA at 85℃ - VCmA at 25℃
1
VCmA at 25℃
60
4.4
Max. Clamping
Voltage
*
*
*
*(2) V at
*
*
*
*(2) A
Peak voltage across the varistor with a specified
peak impulse current of 8× 20μs waveform.
4.5
Rated Power
*
*
*
*(2) W
Maximum 50〜60Hz power which may be
loaded for 1,000 hrs at 85± 2℃ with
△VCmA/ VCmA ≦± 10%.
The max. current within the varistor voltage
change of less than ± 10% when one impulse
current (8× 20μs) applied.
4.6
Withstanding Surge
Current
*
*
*
*(2) A
The max. current with a varistor voltage change
of less than ± 10% when two times impulse
current (8× 20μs) are applied at intervals of 5
minutes.
4.7
Energy
*
*
*
*(2) Joule
The max. energy absorbed with a varistor voltage
change of less than ± 10% when one impulse(10
× 1000μs) is applied.
4.8
Surge Life
*
*
*
*(2) A
The max. current with a varistor voltage change
of less than ± 10% when 10,000 times impulse
current (8× 20μs) are applied at intervals of 20
seconds at room temperature.
*(2) See Page 5
×
× 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com