Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFV10D301K Datasheet(PDF) 2 Page - Ceramate Technical

Part # NFV10D301K
Description  VARISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

NFV10D301K Datasheet(HTML) 2 Page - Ceramate Technical

  NFV10D301K Datasheet HTML 1Page - Ceramate Technical NFV10D301K Datasheet HTML 2Page - Ceramate Technical NFV10D301K Datasheet HTML 3Page - Ceramate Technical NFV10D301K Datasheet HTML 4Page - Ceramate Technical NFV10D301K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TYPE
NFV10D□□□
□□□
□□□
□□□K
MODEL
PAGE
2/5
CITATION
DATE
Oct. 15, 2001
SUBJECT
QUALITY APPROVAL and STRUCTURE
REV.
B01
1. QUALITY SYSTEM APPROVAL
ISO9001 Certificate of approval No.97-HOU-AQ-1382
2. SAFETY STANDARDS APPROVAL
Standard No.
UL 1414
UL 1449
UL 497B
CUL
CSA C22.2 No.1
VDE 42000
File No.
E181368
E166389
E187844
E166389
LR105317
5938
180K〜680K
Approved
Approved
820K〜181K
Approved
Approved
Approved
Approved
201K〜471K
Approved
Approved
Approved
Approved
Approved
Approved
511K
Approved
Approved
Approved
Approved
561K〜821K
Approved
Approved
Approved
Approved
Approved
911K〜182K
Approved
3. STRUCTURE
NO.
ITEM
DESCRIPTION
3.1
Main Material
Zinc Oxide
3.2
Coating Material
Silicone or Phenolic resin
3.3
Marking
NFV, Part number, UL, CSA(or CUL) and VDE recognized
component mark, Date code
3.4
Appearance
Without dirt and crack, marking should be clear
D(max.)
12.5
k(max.)
5.0
T(max.)
*
*
*
*(1)
F7.5± 1.0
ψd0.8± 0.1
θ(max.)
75°
L(min.)
25.0
3.5
Dimensions
Unit: mm
*
*
*
*(1) See Page 3, Dimensions Table



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com