Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87CL52X2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P87CL52X2
Description  80C51 8-bit microcontroller family
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87CL52X2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P87CL52X2 Datasheet HTML 14Page - NXP Semiconductors P87CL52X2 Datasheet HTML 15Page - NXP Semiconductors P87CL52X2 Datasheet HTML 16Page - NXP Semiconductors P87CL52X2 Datasheet HTML 17Page - NXP Semiconductors P87CL52X2 Datasheet HTML 18Page - NXP Semiconductors P87CL52X2 Datasheet HTML 19Page - NXP Semiconductors P87CL52X2 Datasheet HTML 20Page - NXP Semiconductors P87CL52X2 Datasheet HTML 21Page - NXP Semiconductors P87CL52X2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Philips Semiconductors
Product data
P87CL52X2/54X2
80C51 8-bit microcontroller family
8K/16K OTP 256 bytes RAM ROMless low voltage
(1.8 V to 3.3 V), low power, high speed (33 MHz)
2003 May 14
18
Table 5. Timer 2 as a Timer
MODE
T2CON
MODE
INTERNAL CONTROL (Note 1)
EXTERNAL CONTROL (Note 2)
16-bit Auto-Reload
00H
08H
16-bit Capture
01H
09H
Baud rate generator receive and transmit same baud rate
34H
36H
Receive only
24H
26H
Transmit only
14H
16H
Table 6. Timer 2 as a Counter
MODE
TMOD
MODE
INTERNAL CONTROL (Note 1)
EXTERNAL CONTROL (Note 2)
16-bit
02H
0AH
Auto-Reload
03H
0BH
NOTES:
1. Capture/reload occurs only on timer/counter overflow.
2. Capture/reload occurs on timer/counter overflow and a 1-to-0 transition on T2EX (P1.1) pin except when Timer 2 is used in the baud rate
generator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com