Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87CL52X2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P87CL52X2
Description  80C51 8-bit microcontroller family
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87CL52X2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P87CL52X2 Datasheet HTML 35Page - NXP Semiconductors P87CL52X2 Datasheet HTML 36Page - NXP Semiconductors P87CL52X2 Datasheet HTML 37Page - NXP Semiconductors P87CL52X2 Datasheet HTML 38Page - NXP Semiconductors P87CL52X2 Datasheet HTML 39Page - NXP Semiconductors P87CL52X2 Datasheet HTML 40Page - NXP Semiconductors P87CL52X2 Datasheet HTML 41Page - NXP Semiconductors P87CL52X2 Datasheet HTML 42Page - NXP Semiconductors P87CL52X2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Philips Semiconductors
Product data
P87CL52X2/54X2
80C51 8-bit microcontroller family
8K/16K OTP 256 bytes RAM ROMless low voltage
(1.8 V to 3.3 V), low power, high speed (33 MHz)
2003 May 14
39
TBD
TBD
TBD
TBD
NOTE:
AC inputs during testing are driven at VCC –0.5 for a logic ‘1’ and 0.45V for a logic ‘0’.
Timing measurements are made at VIH min for a logic ‘1’ and VIL max for a logic ‘0’.
SU01726
Figure 25. AC Testing Input/Output
VLOAD
VLOAD+0.1V
VLOAD–0.1V
VOH–0.1V
VOL+0.1V
NOTE:
TIMING
REFERENCE
POINTS
For timing purposes, a port is no longer floating when a 100mV change from
load voltage occurs, and begins to float when a 100mV change from the loaded
VOH/VOL level occurs. IOH/IOL ≥ ±20mA.
SU00718
Figure 26. Float Waveform
SU01757
FREQ AT XTAL1 (MHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
02468
10
12
14
MAX ACTIVE MODE
TYP ACTIVE MODE
TYP IDLE MODE
MAX IDLE MODE
Figure 27. ICC vs. FREQ (1.8 V)
Valid only within frequency specifications of the device under test
SU01758
FREQ AT XTAL1 (MHz)
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
MAX ACTIVE MODE
TYP ACTIVE MODE
TYP IDLE MODE
MAX IDLE MODE
Figure 28. ICC vs. FREQ (3.3 V)
Valid only within frequency specifications of the device under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com