Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51X2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89C51X2
Description  80C51 8-bit Flash microcontroller family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51X2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89C51X2 Datasheet HTML 9Page - NXP Semiconductors P89C51X2 Datasheet HTML 10Page - NXP Semiconductors P89C51X2 Datasheet HTML 11Page - NXP Semiconductors P89C51X2 Datasheet HTML 12Page - NXP Semiconductors P89C51X2 Datasheet HTML 13Page - NXP Semiconductors P89C51X2 Datasheet HTML 14Page - NXP Semiconductors P89C51X2 Datasheet HTML 15Page - NXP Semiconductors P89C51X2 Datasheet HTML 16Page - NXP Semiconductors P89C51X2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Philips Semiconductors
Preliminary data
P89C51X2/52X2/54X2/58X2
80C51 8-bit Flash microcontroller family
4K/8K/16K/32K Flash
2002 Jun 06
13
Mode 3 is provided for applications requiring an extra 8-bit timer on
the counter. With Timer 0 in Mode 3, an 80C51 can look like it has
three Timer/Counters. When Timer 0 is in Mode 3, Timer 1 can be
turned on and off by switching it out of and into its own Mode 3, or
can still be used by the serial port as a baud rate generator, or in
fact, in any application not requiring an interrupt.
GATE
C/T
M1
M0
GATE
C/T
M1
M0
BIT
SYMBOL
FUNCTION
TMOD.3/
GATE
Gating control when set. Timer/Counter “n” is enabled only while “INTn” pin is high and
TMOD.7
“TRn” control pin is set. when cleared Timer “n” is enabled whenever “TRn” control bit is set.
TMOD.2/
C/T
Timer or Counter Selector cleared for Timer operation (input from internal system clock.)
TMOD.6
Set for Counter operation (input from “Tn” input pin).
M1
M0
OPERATING
0
0
8048 Timer: “TLn” serves as 5-bit prescaler.
0
1
16-bit Timer/Counter: “THn” and “TLn” are cascaded; there is no prescaler.
1
0
8-bit auto-reload Timer/Counter: “THn” holds a value which is to be reloaded
into “TLn” each time it overflows.
1
1
(Timer 0) TL0 is an 8-bit Timer/Counter controlled by the standard Timer 0 control bits.
TH0 is an 8-bit timer only controlled by Timer 1 control bits.
1
1
(Timer 1) Timer/Counter 1 stopped.
SU01580
TIMER 1
TIMER 0
Not Bit Addressable
TMOD
Address = 89H
Reset Value = 00H
76
543
2
1
0
Figure 1. Timer/Counter 0/1 Mode Control (TMOD) Register
INTn Pin
Timer n
Gate bit
TRn
TLn
(5 Bits)
THn
(8 Bits)
TFn
Interrupt
Control
C/T = 0
C/T = 1
SU01618
OSC
÷ d*
Tn Pin
*d = 6 in 6-clock mode; d = 12 in 12-clock mode.
Figure 2. Timer/Counter 0/1 Mode 0: 13-Bit Timer/Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com