Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51X2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89C51X2
Description  80C51 8-bit Flash microcontroller family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51X2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89C51X2 Datasheet HTML 35Page - NXP Semiconductors P89C51X2 Datasheet HTML 36Page - NXP Semiconductors P89C51X2 Datasheet HTML 37Page - NXP Semiconductors P89C51X2 Datasheet HTML 38Page - NXP Semiconductors P89C51X2 Datasheet HTML 39Page - NXP Semiconductors P89C51X2 Datasheet HTML 40Page - NXP Semiconductors P89C51X2 Datasheet HTML 41Page - NXP Semiconductors P89C51X2 Datasheet HTML 42Page - NXP Semiconductors P89C51X2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Philips Semiconductors
Preliminary data
P89C51X2/52X2/54X2/58X2
80C51 8-bit Flash microcontroller family
4K/8K/16K/32K Flash
2002 Jun 06
39
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has five characters. The first character is always
‘t’ (= time). The other characters, depending on their positions,
indicate the name of a signal or the logical status of that signal. The
designations are:
A – Address
C – Clock
D – Input data
H – Logic level high
I – Instruction (program memory contents)
L – Logic level low, or ALE
P – PSEN
Q – Output data
R– RD signal
t – Time
V – Valid
W– WR signal
X – No longer a valid logic level
Z – Float
Examples: tAVLL = Time for address valid to ALE low.
tLLPL =Time for ALE low to PSEN low.
tPXIZ
ALE
PSEN
PORT 0
PORT 2
A0–A15
A8–A15
A0–A7
A0–A7
tAVLL
tPXIX
tLLAX
INSTR IN
tLHLL
tPLPH
tLLIV
tPLAZ
tLLPL
tAVIV
SU00006
tPLIV
Figure 27. External Program Memory Read Cycle
ALE
PSEN
PORT 0
PORT 2
RD
A0–A7
FROM RI OR DPL
DATA IN
A0–A7 FROM PCL
INSTR IN
P2.0–P2.7 OR A8–A15 FROM DPF
A0–A15 FROM PCH
tWHLH
tLLDV
tLLWL
tRLRH
tLLAX
tRLAZ
tAVLL
tRHDX
tRHDZ
tAVWL
tAVDV
tRLDV
SU00025
Figure 28. External Data Memory Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com