Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB9 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMB9
Description  PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMB9 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMB9 Datasheet HTML 1Page - NXP Semiconductors PUMB9 Datasheet HTML 2Page - NXP Semiconductors PUMB9 Datasheet HTML 3Page - NXP Semiconductors PUMB9 Datasheet HTML 4Page - NXP Semiconductors PUMB9 Datasheet HTML 5Page - NXP Semiconductors PUMB9 Datasheet HTML 6Page - NXP Semiconductors PUMB9 Datasheet HTML 7Page - NXP Semiconductors PUMB9 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003 Oct 03
2
Philips Semiconductors
Product specification
PNP/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PEMB9; PUMB9
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• Low current peripheral drivers
• Replacement of general purpose transistors in digital
applications
• Control of IC inputs.
DESCRIPTION
PNP/PNP resistor-equipped transistors (see “Simplified
outline, symbol and pinning” for package details).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−−50
V
IO
output current (DC)
−−100 mA
TR1
PNP
−−−
TR2
PNP
−−−
R1
bias resistor
10
−
k
Ω
R2
bias resistor
47
−
k
Ω
PRODUCT OVERVIEW
Note
1. * = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
PACKAGE
MARKING CODE(1)
NPN/PNP
COMPLEMENT
NPN/NPN
COMPLEMENT
PHILIPS
EIAJ
PEMB9
SOT666
−
Z6
PEMD9
PEMH9
PUMB9
SOT363
SC-88
B*9
PUMD9
PUMH9
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PEMB9
1
emitter TR1
PUMB9
2
base TR1
3
collector TR2
4
emitter TR2
5
base TR2
6
collector TR1
MAM477
12
3
4
6
5
Top view
65
4
12
3
R2
TR1
TR2
R1
R1
R2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com