Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB9 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMB9
Description  PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMB9 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMB9 Datasheet HTML 1Page - NXP Semiconductors PUMB9 Datasheet HTML 2Page - NXP Semiconductors PUMB9 Datasheet HTML 3Page - NXP Semiconductors PUMB9 Datasheet HTML 4Page - NXP Semiconductors PUMB9 Datasheet HTML 5Page - NXP Semiconductors PUMB9 Datasheet HTML 6Page - NXP Semiconductors PUMB9 Datasheet HTML 7Page - NXP Semiconductors PUMB9 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 2003 Feb 03
2003 Oct 03
DISCRETE SEMICONDUCTORS
PEMB9; PUMB9
PNP/PNP resistor-equipped
transistors; R1 = 10 k
Ω,R2=47kΩ


Similar Part No. - PUMB9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB9 PHILIPS-PUMB9 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMB9 NXP-PUMB9 Datasheet
143Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PUMB9 NEXPERIA-PUMB9 Datasheet
237Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
4 January 2023
PUMB9 NEXPERIA-PUMB9 Datasheet
920Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
More results

Similar Description - PUMB9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
PDTA144V_SER NEXPERIA-PDTA144V_SER Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com