Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PL-22
Description  Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-22 Datasheet(HTML) 2 Page - Vishay Siliconix

  PL-22 Datasheet HTML 1Page - Vishay Siliconix PL-22 Datasheet HTML 2Page - Vishay Siliconix PL-22 Datasheet HTML 3Page - Vishay Siliconix PL-22 Datasheet HTML 4Page - Vishay Siliconix PL-22 Datasheet HTML 5Page - Vishay Siliconix PL-22 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PL-22, -23, -24, -42, -43, -44
Vishay Dale
Document Number 34072
Revision 11-Dec-02
www.vishay.com
156
For technical questions, contact: Magnetics@vishay.com
OUTPUT VOLTAGE TABLE
MODEL
OUTPUT VOLTAGE
OUTPUT CURRENT
(mA)
CONCENTRIC
WINDINGS
SPLIT-SECTION
WINDINGS
SERIES
PARALLEL
SERIES
PARALLEL
PL-22-01
PL-23-01
PL-24-01
PL-22-02
PL-23-02
PL-24-02
PL-22-03
PL-23-03
PL-24-03
PL-22-04
PL-23-04
PL-24-04
PL-22-05
PL-23-05
PL-24-05
PL-22-06
PL-23-06
PL-24-06
PL-22-07
PL-23-07
PL-24-07
PL-22-08
PL-23-08
PL-24-08
PL-22-09
PL-23-09
PL-24-09
PL-22-10
PL-23-10
PL-24-10
PL-22-11
PL-23-11
PL-24-11
PL-22-12
PL-23-12
PL-24-12
PL-22-13
PL-23-13
PL-24-13
PL-22-14
PL-23-14
PL-24-14
PL-22-15
PL-23-15
PL-24-15
PL-22-16
PL-23-16
PL-24-16
PL-22-17
PL-23-17
PL-24-17
PL-42-01
PL-43-01
PL-44-01
PL-42-02
PL-43-02
PL-44-02
PL-42-03
PL-43-03
PL-44-03
PL-42-04
PL-43-04
PL-44-04
PL-42-05
PL-43-05
PL-44-05
PL-42-06
PL-43-06
PL-44-06
PL-42-07
PL-43-07
PL-44-07
PL-42-08
PL-43-08
PL-44-08
PL-42-09
PL-43-09
PL-44-09
PL-42-10
PL-43-10
PL-44-10
PL-42-11
PL-43-11
PL-44-11
PL-42-12
PL-43-12
PL-44-12
PL-42-13
PL-43-13
PL-44-13
PL-42-14
PL-43-14
PL-44-14
PL-42-15
PL-43-15
PL-44-15
PL-42-16
PL-43-16
PL-44-16
PL-42-17
PL-43-17
PL-44-17
8 VCT
10 VCT
12.6 VCT
15 VCT
16 VCT
20 VCT
24 VCT
30 VCT
34 VCT
40 VCT
54 VCT
56 VCT
76 VCT
88 VCT
120 VCT
180 VCT
230 VCT
4V
5V
6.3V
7.5V
8V
10V
12V
15V
17V
20V
27V
28V
38V
44V
60V
90V
115V
188
562
940
120
440
1000
100
350
800
100
300
500
75
260
640
60
220
500
50
180
450
50
150
250
35
125
300
30
110
250
28
84
140
20
80
180
20
60
100
15
50
120
10
35
85
6
24
55
5
20
40
376
1124
1880
240
880
2000
200
700
1600
200
600
1000
150
520
1280
120
440
1000
100
360
900
100
300
500
70
250
600
60
220
500
56
168
280
40
160
360
40
120
200
30
100
240
20
70
170
12
48
110
10
40
80



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com