Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-22 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PL-22
Description  Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-22 Datasheet(HTML) 3 Page - Vishay Siliconix

  PL-22 Datasheet HTML 1Page - Vishay Siliconix PL-22 Datasheet HTML 2Page - Vishay Siliconix PL-22 Datasheet HTML 3Page - Vishay Siliconix PL-22 Datasheet HTML 4Page - Vishay Siliconix PL-22 Datasheet HTML 5Page - Vishay Siliconix PL-22 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
157
PL-22, -23, -24, -42, -43, -44
Vishay Dale
Document Number 34072
Revision 11-Dec-02
For technical questions, contact: Magnetics@vishay.com
ORDERING INFORMATION
PART MARKING
— Vishay Dale
— Model
— Date code
Special design not listed, available on request.
A
MOUNTING FRAME
(If not required, leave blank.)
01
OUTPUT VOLTAGE
AND CURRENT
PL-22
MODEL
.063 [1.60mm]
Bobbin Standoff
B
FOR BOBBIN STANDOFF
(If not required, leave blank.)
DIMENSIONAL CONFIGURATIONS (Reference) [Numbers in brackets indicate millimeters]
8 7 6 5
1 2 3 4
8 7 6 5
1 2 3 4
D
E
A
.041
[1.04]
Typ.
B
.150
[3.81]
Min.
C
PC Terminal
(Plug in
Mounting)
F
2 Places
8 7 6 5
1 2 3 4
.250
[6.35]
Typ.
L
C
.031 [.787]
2 Places
L
C
G
H
8 7 6 5
1 2 3 4
.188
[4.78]
Dia.
2 Holes
“B” Type of Mounting Frame
“A” Type of Mounting Frame
MODEL
PL-22
PL-42
PL-23
PL-43
PL-24
PL-44
A
1.43
[36.32]
1.68
[42.67]
1.93
[49.02]
B
1.20
[30.48]
1.38
[35.05]
1.64
[41.66]
C
0.200
[5.08]
0.250
[6.35]
0.250
[6.35]
D
1.19
[30.23]
1.30
[33.02]
1.48
[37.59]
E
1.0
[25.40]
1.10
[27.94]
1.30
[33.02]
F
0.125
[3.18]
0.125
[3.18]
0.188
[4.78]
G
1.75
[44.45]
2.0
[50.80]
2.38
[60.45]
H
2.12
[53.85]
2.44
[61.98]
2.88
[73.15]
Basic Style



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com