Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2607 Datasheet(PDF) 9 Page - NEC

Part # PS2607
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2607 Datasheet(HTML) 9 Page - NEC

Back Button PS2607 Datasheet HTML 5Page - NEC PS2607 Datasheet HTML 6Page - NEC PS2607 Datasheet HTML 7Page - NEC PS2607 Datasheet HTML 8Page - NEC PS2607 Datasheet HTML 9Page - NEC PS2607 Datasheet HTML 10Page - NEC PS2607 Datasheet HTML 11Page - NEC PS2607 Datasheet HTML 12Page - NEC PS2607 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
8
STABILIZING OUTPUT LEVELS
When an optocoupler is used with the base pin of its phototransistor open, the collector dark current (ICEO) flows as a base
current. The current is amplified as a collector current and could make the output level of the phototransistor unstable. To
eliminate this unwanted base current and make the output level stable, flow the collector dark current (ICEO) through the base-
emitter resistor (RBE).
Fig 2-5 shows the ICEO vs. TA characteristics of a PS2601 optocoupler.
RBE =
IF = 0
VCE = 80V (40V for the
PS2603) 2601
Solid line: PS2601
Dotted line: PS2603
10000
RBE = 1M
Ω
RBE =100 M
Ω
1000
100
10
1
0.1
- 20
0
20
40
60
80
100
RBE =1M
Ω
Ambient Temperature TA (
°C)
ELIMINATION OF INDUCED NOISE
Generally, machine-controlling equipment generates induced noise which may cause malfunctions. This unwanted noise in input
signals can be isolated by means of optocouplers. However, if the noise is too strong, it may be switched to the output through
the input-output capacitance C1-2 of the optocoupler. This unwanted noise in the output can be removed in the following manner.
Insert a capacitor (preferably 100 pF) between the base and the emitter of the phototransistor of the optocoupler. This capacitor
delays response and suppresses malfunctions.
Graph 6-(a) to 6-(d) show how an external noise (surge voltage of 1000 V/
µs at rise time) is eliminated as the capacitance of the
base-emitter capacitor.
A fluctuation in the collector-emitter voltage caused by the on/off operation of a power switch at the output of the optocoupler
causes a base current to flow through the collector-base capacitor (CCB), which causes a malfunction.
In Fig. 2-7, for example, an instantaneous base current flows through the collector-base capacitor (CCB) of the optocoupler. The
current is multiplied by hFE (as a collector current) and causes an output voltage on both ends of the load resistance. It seems as
if an input signal was applied to the optocoupler. Graph 7-(a) shows the waveforms. This unwanted instantaneous induction
current can be eliminated by inserting a capacitor CBE between the emitter and the base of the phototransistor. Graph 7-(b)
shows the waveforms. Fig. 2-8 shows the output-voltage vs. CBE characteristics.
CBE
Vo
RL
Figure 2-6.
Figure 2-7.
PS2601 ICEO-TA Characteristics
Figure 2-5. ICEO vs. TA Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com