Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2607 Datasheet(PDF) 13 Page - NEC

Part # PS2607
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2607 Datasheet(HTML) 13 Page - NEC

Back Button PS2607 Datasheet HTML 9Page - NEC PS2607 Datasheet HTML 10Page - NEC PS2607 Datasheet HTML 11Page - NEC PS2607 Datasheet HTML 12Page - NEC PS2607 Datasheet HTML 13Page - NEC PS2607 Datasheet HTML 14Page - NEC PS2607 Datasheet HTML 15Page - NEC PS2607 Datasheet HTML 16Page - NEC PS2607 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
12
Vin
Vo
(PS2601)
Base pin
Graph 8-(a)
Up
: Input Surge Voltage (Vin: 1000 V/DIV)
DOWN : PS2601 Output
(Vo: 1 V/DIV)
Cut the base pin (pin 6)
Vin
Vo
(PS2601)
Graph 8-(b)
Test Circuit
Vin
Vo
5 V
470
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com