Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP311 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP311
Description  LP311 Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP311 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP311 Datasheet HTML 1Page - National Semiconductor (TI) LP311 Datasheet HTML 2Page - National Semiconductor (TI) LP311 Datasheet HTML 3Page - National Semiconductor (TI) LP311 Datasheet HTML 4Page - National Semiconductor (TI) LP311 Datasheet HTML 5Page - National Semiconductor (TI) LP311 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Total Supply Voltage (V8–4)
36V
Collector Output to Negative Supply Voltage (V7–4)
40V
Collector Output to Emitter Output
40V
Emitter Output to Negative Supply Voltage (V1–4)
g
30V
Differential Input Voltage
g
30V
Input Voltage (Note 1)
g
15V
Power Dissipation (Note 2)
500 mW
Output Short Circuit Duration
10 sec
Operating Temperature Range
0 Cto70 C
Storage Temperature Range
b
65 Cto150 C
Lead Temperature (Soldering 10 seconds)
260 C
Electrical Characteristics
These specifications apply for VS e g15V and 0 C s TA s 70 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage (Notes 3 4)
TAe25 C RSs100k
20
75
mV
Input Offset Current (Notes 3 4)
TAe25 C
20
25
nA
Input Bias Current (Note 3)
TAe25 C
15
100
nA
Voltage Gain
TA e 25 C RLe5k
40
200
VmV
Response Time (Note 5)
TAe25 C
12
m
s
Saturation Voltage (Note 6)
VINsb10 mV IOUTe25 mA
04
15
V
TAe25 C
Strobe Current (Note 7)
TAe25 C
100
200
300
m
A
Output Leakage Current
VINt10 mV VOUTe35V
02
100
nA
TAe25 C
Input Offset Voltage (Notes 3 4)
RSs100k
10
mV
Input Offset Current (Notes 3 4)
35
nA
Input Bias Current (Note 3)
150
nA
Input Voltage Range
Vba05
a
137 b147
Vab15
V
Saturation Voltage (Note 6)
Vat45V Vbe0V
01
04
V
VINsb10 mV ISINKs16 mA
Positive Supply Current
TAe25 C Output on
150
300
m
A
Negative Supply Current
TAe25 C
80
180
m
A
Minimum Operating Voltage
TAe25 C
30
35
V
Note 1
This rating applies for g15V supplies The positive input voltage limit is 30V above the negative supply The negative input voltage limit is equal to the
negative supply voltage or 30V below the positive supply whichever is less
Note 2
The maximum junction temperature of the LP311 is 85 C For operating at elevated temperatures devices in the dual-in-line package must be derated
based on a thermal resistance of 160 CW junction to ambient
Note 3
The offset voltage offset current and bias current specifications apply for any supply voltage from a single 4V supply up to g15V supplies
Note 4
The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with 1 mA load Thus these
parameters define an error band and take into account the worst-case effects of voltage gain and input impedance
Note 5
The response time specified is for a 100 mV input step with 5 mV overdrive
Note 6
Saturation voltage specification applies to collector-emitter voltage (V7-1) for VCOLLECTOR s (Va b 3V)
Note 7
This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled Do not short the strobe pin
to ground It should be current driven 100 mAto300 mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com