Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP311 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP311
Description  LP311 Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP311 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP311 Datasheet HTML 1Page - National Semiconductor (TI) LP311 Datasheet HTML 2Page - National Semiconductor (TI) LP311 Datasheet HTML 3Page - National Semiconductor (TI) LP311 Datasheet HTML 4Page - National Semiconductor (TI) LP311 Datasheet HTML 5Page - National Semiconductor (TI) LP311 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH5711
February 1995
LP311 Voltage Comparator
General Description
The LP311 is a low power version of the industry-standard
LM311 It takes advantage of stable high-value ion-implant-
ed resistors to perform the same function as an LM311 with
a 301 reduction in power drain but only a 61 slowdown of
response time Thus the LP311 is well suited for battery-
powered applications and all other applications where fast
response is not needed It operates over a wide range of
supply voltages from 36V down to a single 3V supply with
less than 200 mA drain but it is still capable of driving a 25
mA load The LP311 is quite easy to apply without any oscil-
lation if ordinary precautions are taken to minimize stray
coupling from the output to either input or to the balance
pins (as described in the LM311 datasheet Application
Hints)
Features
Y
Low power drain 900 mW on 5V supply
Y
Operates from g15V or a single supply as low as 3V
Y
Output can drive 25 mA
Y
Emitter output can swing below negative supply
Y
Response time 12 ms
Y
Same pin-out as LM311
Y
Low input currents 2 nA of offset 15 nA of bias
Y
Large common-mode input range
b
146V to 136V
with g15V supply
Applications
Y
Level-detector for battery-powered instruments
Y
Low-power lamp or relay driver
Y
Low-power zero-crossing detector
Schematic Diagram
TLH5711 – 7
Connection Diagram
Dual-In-Line Package
TLH5711 – 4
Top View
Order Number LP311M or LP311N
See NS Package Numbers M08A or N08E
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LP311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP311 TI-LP311 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP311 TI1-LP311 Datasheet
403Kb / 8P
Voltage Comparator
LP311 TI2-LP311 Datasheet
453Kb / 14P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
REVISED SEPTEMBER 2003
LP311-N TI1-LP311-N Datasheet
403Kb / 8P
Voltage Comparator
logo
Lowpower Semiconductor ...
LP3110 POWER-LP3110 Datasheet
262Kb / 9P
2X Mode for Ultra-High Efficiency
More results

Similar Description - LP311

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com