Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9801ACE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9801ACE
Description  USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9801ACE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9801ACE Datasheet HTML 1Page - Richtek Technology Corporation RT9801ACE Datasheet HTML 2Page - Richtek Technology Corporation RT9801ACE Datasheet HTML 3Page - Richtek Technology Corporation RT9801ACE Datasheet HTML 4Page - Richtek Technology Corporation RT9801ACE Datasheet HTML 5Page - Richtek Technology Corporation RT9801ACE Datasheet HTML 6Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
RT9801
DS9801-00 January 2002
www.richtek-ic.com.tw
1
User Programmable Micro-Power Voltage Detectors
General Description
The RT9801 is a micro-power voltage detector
supervising the power supply voltage level for
microprocessors (
µP) or digital systems. It provides
user programmable threshold levels with 0.1V step
ranging from 1.5V to 5V, which covers most digital
applications. It features low supply current of 3
µA.
Selection of VTH is easily achieved through 3 pins
connected to GND, VDD or floating for different
threshold voltage settings. Two versions of threshold
voltages, 1.5V ~ 4V and 2.5V ~ 5V, which are
programmed in factory are offered by customer
demands.
The RT9801 performs supervisory function by
sending out a reset signal whenever the VDD voltage
falls below a preset threshold level. This reset signal
will last the whole period before VDD recovering.
Reset signal will release after VDD is recovered and
lasts for the whole period of Reset Active Time-out
period.
RT9801 is N-channel, open-drain output and
provided in SOT-26 package.
Ordering Information
RT9801
Features
User Programmable Threshold 1.5V to 5V in
0.1V Step with
±±±±3% Accuracy
Low Supply Current 3
µµµµA
Quick Reset within 20
µµµµS
Built-in Recovery Delay 200mS
Low Functional Supply Voltage 0.9V
Small SOT-26 Package
Applications
Computers
Controllers
Intelligent Instruments
Critical
µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Pin Configurations
Part Number
Pin Configurations
RT9801 CE
(Plastic SOT-26)
TOP VIEW
1. VSET0
2. GND
3. RESET
4. VDD
5. VSET2
6. VSET1
Typical Application Circuit
Operating temperature range
C: Commercial standard
Package Type
E : SOT-26
Reset Threshold
A : 2.5V~5V
B : 1.5V~4V
VSET0
GND
RESET
VSET1
VSET2
VDD
GND
RESET
VDD
Pull Up
RT9801B VTH = 2.5V in this example
µP
RT9801
64
3
2
1
5


Similar Part No. - RT9801ACE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9801AGE RICHTEK-RT9801AGE Datasheet
127Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9801AGE RICHTEK-RT9801AGE Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9801APE RICHTEK-RT9801APE Datasheet
127Kb / 9P
User Programmable Micro-Power Voltage Detectors
More results

Similar Description - RT9801ACE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
User Programmable Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
User Programmable Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com