Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-61CTQ035PbF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-61CTQ035PbF
Description  Schottky Rectifier, 2 x 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-61CTQ035PbF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-61CTQ035PbF Datasheet HTML 1Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 2Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 3Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 4Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 5Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 6Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-61CTQ...PbF Series, VS-61CTQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
5
Document Number: 94241
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-61CTQ035PbF
50
1000
Antistatic plastic tube
VS-61CTQ035-N3
50
1000
Antistatic plastic tube
VS-61CTQ040PbF
50
1000
Antistatic plastic tube
VS-61CTQ040-N3
50
1000
Antistatic plastic tube
VS-61CTQ045PbF
50
1000
Antistatic plastic tube
VS-61CTQ045-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95222
Part marking information
TO-220AB PbF
www.vishay.com/doc?95225
TO-220AB -N3
www.vishay.com/doc?95028
035 = 35 V
040 = 40 V
045 = 45 V
Device code
6
2
4
3
5
7
61
C
T
Q
045 PbF
VS-
1
2
-
Current rating (60 = 60 A)
3
-
Circuit configuration
C = Common cathode
4
-
Package
T = TO-220
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant, and totally lead (Pb)-free
1
-
Vishay Semiconductors product
Environmental digit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com