Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-61CTQ035PbF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-61CTQ035PbF
Description  Schottky Rectifier, 2 x 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-61CTQ035PbF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-61CTQ035PbF Datasheet HTML 1Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 2Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 3Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 4Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 5Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 6Page - Vishay Siliconix VS-61CTQ035PbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-61CTQ...PbF Series, VS-61CTQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
1
Document Number: 94241
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 x 30 A
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
Package
TO-220AB
IF(AV)
2 x 30 A
VR
35 V, 40 V, 45 V
VF at IF
0.57 V
IRM max.
40 mA at 125 °C
TJ max.
175 °C
Diode variation
Common cathode
EAS
27 mJ
Anode
13
2
Base
common
cathode
2
Common
cathode
Anode
TO-220AB
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
60
A
VRRM
35 to 45
V
IFRM
TC = 142 °C (per leg)
60
A
IFSM
tp = 5 μs sine
2600
VF
30 Apk, TJ = 125 °C
0.57
V
TJ
Range
- 65 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-
61CTQ035PbF
VS-
61CTQ035-N3
VS-
61CTQ040PbF
VS-
61CTQ040-N3
VS-
61CTQ045PbF
VS-
61CTQ045-N3
UNITS
Maximum DC
reverse voltage
VR
35
35
40
40
45
45
V
Maximum working
peak reverse
voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 142 °C, rated VR
30
A
per device
60
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 142 °C
60
Maximum peak one cycle non-repetitive
surge current per leg
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
2600
10 ms sine or 6 ms rect. pulse
350
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 4 A, L = 3.4 mH
27
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
4A


Similar Part No. - VS-61CTQ035PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-61CTQ035PBF VISHAY-VS-61CTQ035PBF Datasheet
157Kb / 8P
Schottky Rectifier
29-Aug-11
More results

Similar Description - VS-61CTQ035PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 30 A
13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
Schottky Rectifier, 2 x 30 A
13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
Schottky Rectifier, 2 x 30 A
21-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
Schottky Rectifier, 2 x 30 A
13-Aug-08
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 30 A
21-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 30 A
31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
Schottky Rectifier, 2 x 30 A
02-Jul-12
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
Schottky Rectifier, 2 x 30 A
31-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com