Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14580 Datasheet(PDF) 70 Page - Dialog Semiconductor

Part # DA14580
Description  Bluetooth Low Energy 4.2 SoC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580 Datasheet(HTML) 70 Page - Dialog Semiconductor

Back Button DA14580_16 Datasheet HTML 66Page - Dialog Semiconductor DA14580_16 Datasheet HTML 67Page - Dialog Semiconductor DA14580_16 Datasheet HTML 68Page - Dialog Semiconductor DA14580_16 Datasheet HTML 69Page - Dialog Semiconductor DA14580_16 Datasheet HTML 70Page - Dialog Semiconductor DA14580_16 Datasheet HTML 71Page - Dialog Semiconductor DA14580_16 Datasheet HTML 72Page - Dialog Semiconductor DA14580_16 Datasheet HTML 73Page - Dialog Semiconductor DA14580_16 Datasheet HTML 74Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 155 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-01
70 of 155
© 2014 Dialog Semiconductor
DA14580
Bluetooth Low Energy 4.2 SoC
FINAL
6
R/W
UART_BC
Break Control Bit.
This is used to cause a break condition to be transmitted to
the receiving device. If set to one the serial output is forced
to the spacing (logic 0) state. When not in Loopback Mode,
as determined by MCR[4], the sout line is forced low until the
Break bit is cleared. If active (MCR[6] set to one) the
sir_out_n line is continuously pulsed. When in Loopback
Mode, the break condition is internally looped back to the
receiver and the sir_out_n line is forced low.
0x0
5
-
-
Reserved
0x0
4
R/W
UART_EPS
Even Parity Select.
This is used to select between even and odd parity, when
parity is enabled (PEN set to one). If set to one, an even
number of logic 1s is transmitted or checked. If set to zero,
an odd number of logic 1s is transmitted or checked.
0x0
3
R/W
UART_PEN
Parity Enable.
This bit is used to enable and disable parity generation and
detection in transmitted and received serial character
respectively.
0 = parity disabled
1 = parity enabled
0x0
2
R/W
UART_STOP
Number of stop bits.
This is used to select the number of stop bits per character
that the peripheral transmits and receives. If set to zero, one
stop bit is transmitted in the serial data.
If set to one and the data bits are set to 5 (LCR[1:0] set to
zero) one and a half stop bits is transmitted. Otherwise, two
stop bits are transmitted. Note that regardless of the number
of stop bits selected, the receiver checks only the first stop
bit.
0 = 1 stop bit
1 = 1.5 stop bits when DLS (LCR[1:0]) is zero, else 2 stop bit
0x0
1:0
R/W
UART_DLS
Data Length Select.
This is used to select the number of data bits per character
that the peripheral transmits and receives. The number of bit
that may be selected areas follows:
00 = 5 bits
01 = 6 bits
10 = 7 bits
11 = 8 bits
0x0
Table 90: UART2_LCR_REG (0x5000110C)
Bit
Mode
Symbol
Description
Reset
Table 91: UART2_MCR_REG (0x50001110)
Bit
Mode
Symbol
Description
Reset
15:7
-
-
Reserved
0x0
6
R/W
UART_SIRE
SIR Mode Enable.
This is used to enable/disable the IrDA SIR Mode features
as described in "IrDA 1.0 SIR Protocol" on page 53.
0 = IrDA SIR Mode disabled
1 = IrDA SIR Mode enabled
0x0
5
R/W
UART_AFCE
Auto Flow Control Enable.
When FIFOs are enabled and the Auto Flow Control Enable
(AFCE) bit is set, hardware Auto Flow Control is enabled via
CTS and RTS.
0 = Auto Flow Control Mode disabled
1 = Auto Flow Control Mode enabled
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com