Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14580 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA14580
Description  Bluetooth Low Energy 4.2 SoC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA14580_16 Datasheet HTML 17Page - Dialog Semiconductor DA14580_16 Datasheet HTML 18Page - Dialog Semiconductor DA14580_16 Datasheet HTML 19Page - Dialog Semiconductor DA14580_16 Datasheet HTML 20Page - Dialog Semiconductor DA14580_16 Datasheet HTML 21Page - Dialog Semiconductor DA14580_16 Datasheet HTML 22Page - Dialog Semiconductor DA14580_16 Datasheet HTML 23Page - Dialog Semiconductor DA14580_16 Datasheet HTML 24Page - Dialog Semiconductor DA14580_16 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-01
21 of 155
© 2014 Dialog Semiconductor
DA14580
Bluetooth Low Energy 4.2 SoC
FINAL
0x5000110C
UART2_LCR_REG
Line Control Register
0x50001110
UART2_MCR_REG
Modem Control Register
0x50001114
UART2_LSR_REG
Line Status Register
0x50001118
UART2_MSR_REG
Modem Status Register
0x5000111C
UART2_SCR_REG
Scratchpad Register
0x50001120
UART2_LPDLL_REG
Low Power Divisor Latch Low
0x50001124
UART2_LPDLH_REG
Low Power Divisor Latch High
0x50001130
UART2_SRBR_STHR0_REG
Shadow Receive/Transmit Buffer Register
0x50001134
UART2_SRBR_STHR1_REG
Shadow Receive/Transmit Buffer Register
0x50001138
UART2_SRBR_STHR2_REG
Shadow Receive/Transmit Buffer Register
0x5000113C
UART2_SRBR_STHR3_REG
Shadow Receive/Transmit Buffer Register
0x50001140
UART2_SRBR_STHR4_REG
Shadow Receive/Transmit Buffer Register
0x50001144
UART2_SRBR_STHR5_REG
Shadow Receive/Transmit Buffer Register
0x50001148
UART2_SRBR_STHR6_REG
Shadow Receive/Transmit Buffer Register
0x5000114C
UART2_SRBR_STHR7_REG
Shadow Receive/Transmit Buffer Register
0x50001150
UART2_SRBR_STHR8_REG
Shadow Receive/Transmit Buffer Register
0x50001154
UART2_SRBR_STHR9_REG
Shadow Receive/Transmit Buffer Register
0x50001158
UART2_SRBR_STHR10_REG
Shadow Receive/Transmit Buffer Register
0x5000115C
UART2_SRBR_STHR11_REG
Shadow Receive/Transmit Buffer Register
0x50001160
UART2_SRBR_STHR12_REG
Shadow Receive/Transmit Buffer Register
0x50001164
UART2_SRBR_STHR13_REG
Shadow Receive/Transmit Buffer Register
0x50001168
UART2_SRBR_STHR14_REG
Shadow Receive/Transmit Buffer Register
0x5000116C
UART2_SRBR_STHR15_REG
Shadow Receive/Transmit Buffer Register
0x5000117C
UART2_USR_REG
UART Status register.
0x50001180
UART2_TFL_REG
Transmit FIFO Level
0x50001184
UART2_RFL_REG
Receive FIFO Level.
0x50001188
UART2_SRR_REG
Software Reset Register.
0x5000118C
UART2_SRTS_REG
Shadow Request to Send
0x50001190
UART2_SBCR_REG
Shadow Break Control Register
0x50001194
UART2_SDMAM_REG
Shadow DMA Mode
0x50001198
UART2_SFE_REG
Shadow FIFO Enable
0x5000119C
UART2_SRT_REG
Shadow RCVR Trigger
0x500011A0
UART2_STET_REG
Shadow TX Empty Trigger
0x500011A4
UART2_HTX_REG
Halt TX
0x500011F4
UART2_CPR_REG
Component Parameter Register
0x500011F8
UART2_UCV_REG
Component Version
0x500011FC
UART2_CTR_REG
Component Type Register
0x50001200
SPI_CTRL_REG
SPI control register 0
0x50001202
SPI_RX_TX_REG0
SPI RX/TX register0
0x50001204
SPI_RX_TX_REG1
SPI RX/TX register1
0x50001206
SPI_CLEAR_INT_REG
SPI clear interrupt register
0x50001208
SPI_CTRL_REG1
SPI control register 1
0x50001300
I2C_CON_REG
I2C Control Register
0x50001304
I2C_TAR_REG
I2C Target Address Register
Table 5: Register Map
Address
Port
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com