Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3927 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3927
Description  Cellular/PCS System Power Management IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3927 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3927 Datasheet HTML 8Page - National Semiconductor (TI) LP3927 Datasheet HTML 9Page - National Semiconductor (TI) LP3927 Datasheet HTML 10Page - National Semiconductor (TI) LP3927 Datasheet HTML 11Page - National Semiconductor (TI) LP3927 Datasheet HTML 12Page - National Semiconductor (TI) LP3927 Datasheet HTML 13Page - National Semiconductor (TI) LP3927 Datasheet HTML 14Page - National Semiconductor (TI) LP3927 Datasheet HTML 15Page - National Semiconductor (TI) LP3927 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VEXT Detect W/Keyboard Interrupts
20037928
Note: Diagram indicates Open Drain IRQ tied to VDD.
*** = Internal signal
1.
VEXT goes active low.
2.
VEXT 32 msec de-bounce period.
3.
Delay between LDO1 and LDO2 enable.
4.
Both LDO1 and LDO2 outputs reach 95% of respective output voltage, start Reset timer.
5.
Reset delay.
6.
Keyboard de-bounce delay.
7.
Keyboard pulse must be a minimum of 32 msec.
8.
PS_HOLD may go low after Key press, but LDOs stay on since VEXT is low.
9.
VEXT goes high, begin shutdown since PS_HOLD is low.
10. Delay between RST going low and LDO2 disabled.
11. Delay between LDO2 disable and LDO1 disabled.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com