Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3927 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3927
Description  Cellular/PCS System Power Management IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3927 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3927 Datasheet HTML 8Page - National Semiconductor (TI) LP3927 Datasheet HTML 9Page - National Semiconductor (TI) LP3927 Datasheet HTML 10Page - National Semiconductor (TI) LP3927 Datasheet HTML 11Page - National Semiconductor (TI) LP3927 Datasheet HTML 12Page - National Semiconductor (TI) LP3927 Datasheet HTML 13Page - National Semiconductor (TI) LP3927 Datasheet HTML 14Page - National Semiconductor (TI) LP3927 Datasheet HTML 15Page - National Semiconductor (TI) LP3927 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Hints
LP3927 Function Description
The LP3927 is designed for cellular/PCS handsets. The
LDOs power the microprocessor, RF and digital sections of
the phone. When a KYBD debounce of longer than 32 ms is
detected by the LP3927, the IRQ signal is asserted and sent
to the microprocessor. In addition, the KYBD signal turns on
LDO1. When LDO1 reaches 95% of its output voltage op-
tion, a 125 µs delay (standard LDO delay. The optional LDO
delay has a 10msec delay) takes place, and LDO2 turns on.
When LDO2 reaches 95% of its output voltage option, RST
goes high after a 20 ms delay. At this point, the micropro-
cessor comes out of reset and the LP3927 starts the PS_H-
OLD timer. If PS_HOLD goes high before 500 ms, IRQ is
de-asserted. If PS_HOLD stays low for longer than 500 ms,
IRQ will still de-assert, but RST will also be asserted, and the
part will power down.
The power down sequence is the exact reverse of the power
up sequence. PS_HOLD from the microprocessor goes low,
indicating a request to turn the part off. This causes RST to
go low. LDO2 will be turned off after a 20 ms delay. When
LDO2 drops to 90% of its output voltage option, LDO1 will
start to turn off after a 125 µs (or a 10msec) delay. Another
KYBD debounce after power up does not necessary mean
power down.
Whenever LDO1 or LDO2 falls under 90% of the output
voltage option, RST immediately goes low to bring
PS_HOLD low in order to turn the part off.
Plugging the charger into the cell phone will cause an exter-
nal signal VEXT to toggle from high to low. The LP3927 will
respond differently to this signal depending on the scenario:
Case 1: If a charger is plugged into the cell phone after the
phone is already on, the VEXT signal go from high to low.
The LP3927 will acknowledge this signal but all other signals
remain unchanged.
Case 2: If a charger is plugged into the phone while the
phone is off, VEXT signal goes from high to low and the
LP3927 will proceed to turn LDO1 on after a 32 ms delay,
and the identical power-up sequence follows. This case
bypasses the power-up initiated by KYBD and IRQ. KYBD
remains low and IRQ remains high at all time during
power-up.
When the charger is plugged in, the phone cannot be turned
off unless both VEXT goes high and PS_HOLD goes low.
LDOs
The LP3927 contains five LDOs. LDO1 and 2 are powered
by the V
DD1 line; LDO3 and 4 are powered by the VDD2 line;
and LDO5 is powered by the V
DD3 line. VDD1,VDD2 and VDD3
must be tied together externally. All five LDOs accept an
input voltage from 3.0V to 5.5V. This accommodates the full
usable range of a single Li-On battery.
LDO1 and 4 each provide 150 mA of current. LDO2 and 5
each provide 200 mA of current. LDO3 provides 100 mA of
current. The output of each LDO can be programmed to
different voltage levels at the factory. Refer to “Output Cur-
rent Rating and Voltage Options” Table for more details.
LDO Input Capacitor
An input capacitance of
≈ 2.2 µF is required between each
V
DD input pins and ground. (The amount of the capacitance
may be increased without limit).
This capacitor must be located a distance of not more than
1 cm from the input pin and returned to a clean analog
ground. Any good quality ceramic, tantalum, or film capacitor
may be used at the inputs.
Important: Tantalum capacitors can suffer catastrophic fail-
ures
due
to
surge
current
when
connected
to
a
low-impedance source of power (like a battery or a very
large capacitor). If a tantalum capacitor is used at the input,
it must be guaranteed by the manufacturer to have a surge
current rating sufficient for the application.
There are no requirements for the ESR on the input capaci-
tor, but tolerance and termperature coefficient must be con-
sidered when selecting the capacitor to ensure the capaci-
tance will be
≈ 1 µF over the entire operating temperature
range.
LDO Output Capacitor
The LDOs are designed specifically to work with very small
ceramic output capacitors. A ceramic capacitor (X7R, X5R,
Z5U, or Y5V) in 1 µF to 20 µF range with 5 m
Ω to 500 mΩ
ESR range is suitable in the LP3927 application circuit.
It may also be possible to use tantalum or film capacitors at
the output, but these are not as attractive for reasons of size
and cost.
The output capacitor must meet the requirement for mini-
mum amount of capacitance and also have an ESR (Equiva-
lent Series Resistance) value which is within a stable range
(5 m
Ω to 500 mΩ).
LED Current Driver
The LED pin on the LP3927 is an open-drain output that can
provide up to 150 mA to drive backlight LEDs. It is turned on
when the LED_EN pin is pulled high, and off when the
LED_EN pin is pulled low. The external resistor R
PGM con-
nected to the LED_PGM pin programs the output current of
LED. A 130 k
Ω resistor sets the output current to 150 mA. An
approximated equation between R
PGM and ILED is:
Operational Amplifier
The LP3927 has an internal op amp with rail-to-rail input and
output and a 600 kHz of gain-bandwidth product.
Leadless Leadframe Package (LLP)
The LP3927 is packaged in a 28-lead LLP package for
enhanced thermal performance. The 28-lead LLP measures
5mmx5mmx 0.75 mm. Its small size and low profile is
ideal for handset applications and other portable applications
that require power management.
Thermal Performance
The LLP package is designed for enhanced thermal perfor-
mance because of the exposed die attach pad at the bottom
center of the package. It brings advantage to thermal perfor-
mance by creating a very direct path for thermal dissipation.
Compared to the traditional leaded packages where the die
attach pad is embedded inside the mold compound, the LLP
reduces a layer in the thermal path.
The thermal advantage of the LLP package is fully realized
only when the exposed die attach pad is soldered down to a
thermal land on the PCB board and thermal vias are planted
underneath the thermal land. Based on a LLP thermal mea-
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com