Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP395 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP395
Description  Ultra Reliable Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP395 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP395 Datasheet HTML 1Page - National Semiconductor (TI) LP395 Datasheet HTML 2Page - National Semiconductor (TI) LP395 Datasheet HTML 3Page - National Semiconductor (TI) LP395 Datasheet HTML 4Page - National Semiconductor (TI) LP395 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
Collector to Emitter Voltage
36V
Collector to Base Voltage
36V
Base to Emitter Voltage (Forward)
36V
Base to Emitter Voltage (Reverse)
10V
Base to Emitter Current (Reverse)
20 mA
Collector Current Limit
Internally Limited
Power Dissipation
Internally Limited
Operating Temperature Range
−40˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
260˚C
Electrical Characteristics
Tested
Design
Units
Symbol
Parameter
Conditions
Typical
Limit
Limit
(Limit)
(Note 3)
(Note 4)
V
CE
Collector to Emitter
0.5 mA
≤ I
C ≤ 100 mA
36
36
V(Max)
Operating Voltage
(Note 2)
I
CL
Collector Current Limit
V
BE = 2V, VCE = 36V
45
25
20
mA(Min)
(Note 5)
V
BE = 2V, VCE = 15V
90
60
50
mA(Min)
V
BE = 2V, 2V ≤ VCE ≤ 6V
130
100
100
mA(Min)
I
B
Base Current
0
≤ I
C ≤ 100 mA
−0.3
−2.0
−2.5
µA(Max)
I
Q
Quiescent Current
V
BE = 0V, 0 ≤ VCE ≤ 36V
0.24
0.50
0.60
mA(Max)
V
CE(SAT)
Saturation Voltage
V
BE = 2V, IC = 100 mA
1.82
2.00
2.10
V(Max)
BV
BE
Base to Emitter Break-
0
≤ V
CE ≤ 36V, IB = 2µA
36
36
V(Min)
down Voltage (Note 5)
V
BE
Base to Emitter Voltage
I
C = 5 mA
0.69
0.79
0.90
V(Max)
(Note 6)
I
C = 100 mA (Note 5)
1.02
1.40
V (Max)
t
S
Switching Time
V
CE = 20V, RL = 200Ω
2µs
V
BE = 0V, +2V, 0V
θ
JA
Thermal Resistance
0.4" leads soldered to
150
180
˚C/W
Junction to Ambient
printed circuit board
(Max)
0.125" leads soldered to
130
160
˚C/W
printed circuit board
(Max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Note 2: Parameters identified with boldface type apply at temp. extremes. All other numbers, unless noted apply at +25˚C.
Note 3: Guaranteed and 100% production tested.
Note 4: Guaranteed (but not 100% production tested) over the operating temperature and supply voltage ranges. These limits are not used to calculate outgoing
quality levels.
Note 5: These numbers apply for pulse testing with a low duty cycle.
Note 6: Base positive with respect to emitter.
Simplified Circuit
Applications Information
One failure mode incandescent lamps may experience is
one in which the filament resistance drops to a very low
value before it actually blows out. This is especially rough on
most solid-state lamp drivers and in most cases a lamp fail-
ure of this type will also cause the lamp driver to fail. Be-
cause of its high gain and blowout-proof design, the LP395 is
an ideal candidate for reliably driving small incandescent
lamps. Additionally, the current limiting characteristics of the
LP395 are advantageous as it serves to limit the cold fila-
ment inrush current, thus increasing lamp life.
DS005525-5
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com