Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP395 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP395
Description  Ultra Reliable Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP395 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP395 Datasheet HTML 1Page - National Semiconductor (TI) LP395 Datasheet HTML 2Page - National Semiconductor (TI) LP395 Datasheet HTML 3Page - National Semiconductor (TI) LP395 Datasheet HTML 4Page - National Semiconductor (TI) LP395 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LP395
Ultra Reliable Power Transistor
General Description
The LP395 is a fast monolithic transistor with complete over-
load protection. This very high gain transistor has included
on the chip, current limiting, power limiting, and thermal
overload protection, making it difficult to destroy from almost
any type of overload. Available in an epoxy TO-92 transistor
package this device is guaranteed to deliver 100 mA.
Thermal limiting at the chip level, a feature not available in
discrete designs, provides comprehensive protection against
overload. Excessive power dissipation or inadequate heat
sinking causes the thermal limiting circuitry to turn off the de-
vice preventing excessive die temperature.
The LP395 offers a significant increase in reliability while
simplifying protection circuitry. It is especially attractive as a
small incandescent lamp or solenoid driver because of its
low drive requirements and blowout-proof design.
The LP395 is easy to use and only a few precautions need
be observed. Excessive collector to emitter voltage can de-
stroy the LP395 as with any transistor. When the device is
used as an emitter follower with a low source impedance, it
is necessary to insert a 4.7 k
Ω resistor in series with the
base lead to prevent possible emitter follower oscillations.
Also since it has good high frequency response, supply
by-passing is recommended.
Areas where the LP395 differs from a standard NPN transis-
tor are in saturation voltage, leakage (quiescent) current and
in base current. Since the internal protection circuitry re-
quires voltage and current to function, the minimum voltage
across the device in the on condition (saturated) is typically
1.6 Volts, while in the off condition the quiescent (leakage)
current is typically 200 µA. Base current in this device flows
out of the base lead, rather than into the base as is the case
with conventional NPN transistors. Also the base can be
driven positive up to 36 Volts without damage, but will draw
current if driven negative more than 0.6 Volts. Additionally, if
the base lead is left open, the LP395 will turn on.
The LP395 is a low-power version of the 1-Amp LM195/
LM295/LM395 Ultra Reliable Power Transistor.
The LP395 is rated for operation over a −40˚C to +125˚C
range.
Features
n Internal thermal limiting
n Internal current and power limiting
n Guaranteed 100 mA output current
n 0.5 µA typical base current
n Directly interfaces with TTL or CMOS
n +36 Volts on base causes no damage
n 2 µs switching time
Connection Diagram
Typical Applications
TO-92 Package
DS005525-1
Order Number LP395Z
See NS Package Z03A
Fully Protected Lamp Driver
DS005525-3
April 1998
© 1999 National Semiconductor Corporation
DS005525
www.national.com


Similar Part No. - LP395

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP395 TI1-LP395 Datasheet
294Kb / 12P
Ultra Reliable Power Transistor
LP395 TI2-LP395 Datasheet
420Kb / 13P
LP395 Ultra Reliable Power Transistor
REVISED MARCH 2013
logo
National Semiconductor ...
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
logo
Texas Instruments
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
Color LED Driver with Audio Synchronizer
logo
National Semiconductor ...
LP3950SL NSC-LP3950SL Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
More results

Similar Description - LP395

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
Ultra Reliable Power Transistors
LM295 NSC-LM295 Datasheet
230Kb / 11P
Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
LM195QML Ultra Reliable Power Transistors
logo
TDK Electronics
LDV12-12-1R0 TDK-LDV12-12-1R0 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
LDV12-15-R80 TDK-LDV12-15-R80 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
LDV12-24-R50 TDK-LDV12-24-R50 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
logo
Texas Instruments
LM195 TI1-LM195_13 Datasheet
1Mb / 20P
Ultra Reliable Power Transistors
LP395 TI1-LP395 Datasheet
294Kb / 12P
Ultra Reliable Power Transistor
LM195QML TI1-LM195QML_13 Datasheet
910Kb / 16P
Ultra Reliable Power Transistors
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
Ultra-Reliable MCUs for Industrial and Automotive Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com