Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLRM900AFB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SLRM900AFB
Description  I-CODE Long range reader module hardware
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRM900AFB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SLRM900AFB Datasheet HTML 3Page - NXP Semiconductors SLRM900AFB Datasheet HTML 4Page - NXP Semiconductors SLRM900AFB Datasheet HTML 5Page - NXP Semiconductors SLRM900AFB Datasheet HTML 6Page - NXP Semiconductors SLRM900AFB Datasheet HTML 7Page - NXP Semiconductors SLRM900AFB Datasheet HTML 8Page - NXP Semiconductors SLRM900AFB Datasheet HTML 9Page - NXP Semiconductors SLRM900AFB Datasheet HTML 10Page - NXP Semiconductors SLRM900AFB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2002 May 24
7
Philips Semiconductors
Product specification
I-CODE Long range reader
module hardware
SLRM900
7
FUNCTIONAL DESCRIPTION
handbook, full pagewidth
MGW306
I/O
(optional)
HOST
SYSTEM
SLRM900
antenna
I - CODE label 1
I - CODE label n
POWER
SUPPLY
Fig.6 System overview.
7.1
System overview
The SLRM900 is part of a complete Radio Frequency
Identification (RFID) system (see Fig.6).
The SLRM900 can communicate with I-CODE smart
labels. The device consists of a two-way communication
transmitter and receiver, for generating, transmitting,
receiving, and processing identification signals.
In the transmit mode, the microcontroller board generates
data whereas the RF board uses this signal to modulate a
carrier. This modulated carrier will be amplified, and
transmitted by the antenna to the label. This label will
subsequently generate its response, which will be
picked-up by the SLRM900 in the receive mode, and
processed by the digital hardware.
By using the RS232 serial interface (or the optional input
and output ports) the output parameters of the module can
be set.
7.1.1
I-CODE labels
The SLRM900 is designed for communication with smart
labels based on Philips I-CODE1 label IC SL1ICS3001.
7.1.2
HOST
The connection to the host (e.g. microcontroller or PC) is a
serial interface on RS232 level for data transmission. For
the protocol please refer to data sheet
"SLRM900 I-CODE
Long Range Reader Module, protocol Reader-Host".
7.1.3
I/O PORTS
There are 6 input ports, 4 output ports, and one EAS
signal output port available on the microcontroller board
(see Section 6.5). These ports are software
programmable. The input and output ports are not lead out
of the metal housing and therefore not ESD protected.
7.1.4
ANTENNA
A 50
Ω antenna has to be connected to the antenna
connector. This antenna has to be designed according to
application note
"I-CODE design of Read/Write antennas".
7.1.5
POWER SUPPLY
To work with the SLRM900, an external linear regulated
power supply has to be used. Using the supplied power
supply cable is recommended, in order to comply with the
EMC and EMI limits (see Section 7.5).
The reader module contains filtering circuitries for the
power supply. However, some requirements are to be
fulfilled by the power supply. The maximum ripple of the
supply voltage must not exceed the maximum values
specified in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com