Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLRM900AFB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SLRM900AFB
Description  I-CODE Long range reader module hardware
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRM900AFB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SLRM900AFB Datasheet HTML 8Page - NXP Semiconductors SLRM900AFB Datasheet HTML 9Page - NXP Semiconductors SLRM900AFB Datasheet HTML 10Page - NXP Semiconductors SLRM900AFB Datasheet HTML 11Page - NXP Semiconductors SLRM900AFB Datasheet HTML 12Page - NXP Semiconductors SLRM900AFB Datasheet HTML 13Page - NXP Semiconductors SLRM900AFB Datasheet HTML 14Page - NXP Semiconductors SLRM900AFB Datasheet HTML 15Page - NXP Semiconductors SLRM900AFB Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2002 May 24
13
Philips Semiconductors
Product specification
I-CODE Long range reader
module hardware
SLRM900
11 APPLICATION INFORMATION
11.1
Jumper settings
Table 3
Jumper settings on microcontroller board I-CODE
µPE1 (see Fig.8)
The settings of JP1, JP5 and JP6 must not be changed.
NAME
FUNCTION
SETTING
DESCRIPTION
JP2
bootstrap loader mode
not set
bootstrap loader mode disabled (default)
set
for firmware update via RS232
JP3
start-up mode
not set
PC mode (default); the reader starts up expecting commands from
the host
set
stand-alone EAS mode; the reader is transmitting EAS commands
continuously after start-up; if a label with EAS bits set is detected,
the EAS Out port will change to HIGH level
JP4
baud rate
not set
serial communication interface baud rate at 57.6 kbaud (default)
set
serial communication interface baud rate at 115.2 kbaud
11.2
Hints for system integration
The following list should be checked if any problem (e.g.
reduced read and write distances) occurs:
• Power supply cable is not correctly plugged into the
power supply
• Power supply is out of specification (see Table1)
• Serial interface not properly connected
• Serial interface cable, power supply cable or antenna
cable are too close to the antenna
• Interference received by the antenna because of an
external noise source; the remedy is the removal of the
antenna from the interfering area and execute the
command CRM_config(CFG_INIT,0). See data sheet
"SLRM900; I-CODE Long Range Reader Module,
protocol Reader-Host"
• Antenna is mounted in metal environment; the remedy is
to place a non-metal space keeper between the antenna
and the metal
• Antenna is not designed according to application note
"I-CODE, Design of Read/Write antennas".
12 REFERENCE DOCUMENTS
Table 4
Survey of reference documents
CATEGORY
NUMBER OR TITLE
Application note
"I-CODE, Design of Read/Write antennas"
Specification
"SAB-C167CR-LM"
Data sheet
"SLRM900; I-CODE Long Range Reader Module, protocol Reader-Host"
Data sheet
"SL1ICS3001; I-CODE1 Label IC"
Data sheet
"SL1ICS3001; I-CODE1 Label IC, protocol air interface"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com