Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9317 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMP9317
Description  Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9317 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMP9317 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 6Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SMP9317
2031-04 12/4/98
Analog Section
The SMP9317 is a 7-bit, voltage output digital-to-analog
converter (DAC). The DAC consists of a resistor network
that converts a 7-bit value into equivalent analog output
voltages in proportion to the applied reference voltage.
Reference Inputs
The voltage differential between the VL and VH inputs
sets the full-scale output voltage range. VL must be equal
to or greater than ground (i.e. a positive voltage). VH must
be greater than VL and less than or equal to VDD. See
table on page 3 for guaranteed operating limits.
Output Buffer Amplifier
The voltage output is from a precision unity-gain follower
that can slew up to 1V/
µs.
Digital Interface
The interface is designed to emulate a simple up/down
counter, but instead of a parallel count output, a
ratiometric voltage output is provided.
Chip Select (
CS
CS
CS
CS
CS) is an active low input. Whenever CS is
high the SMP9317 is in standby mode and consumes the
least power. This mode is equivalent to a potentiometer
that is adjusted to the required setting. When
CS is low
the SMP9317 will recognize transitions on the
INC input
and will move the VOUT either toward the VH reference or
toward the VL reference depending upon the state of the
UP/
DN input.
The host may exit an adjustment routine in two ways:
deselecting the SMP9317 while
INC is low will not per-
form a store operation (a subsequent power cycle will
recall the original data); deselecting the SMP9317 while
INC is high will store the current VOUT setting into non-
volatile memory.
PINOUT
Increment (
INC
INC
INC
INC
INC) is an edge triggered input. Whenever
CS is low and a high to low transition occurs on the INC
input, the VOUT voltage will either move toward VH or VL
depending upon the state of the UP/
DN input.
UP/Down (UP/
DN
DN
DN
DN
DN) is an input that will determine the VOUT
movement relative to VH and VL. When CS is low, UP/DN
is high and there is a high to low transition on
INC, the
VOUT voltage will move (1/128th x VH-VL) toward VH.
When
CS and UP/DN are low, and there is a high to low
transition on
INC, the VOUT will move (1/128th x VH-VL)
toward VL.
Power–Up/Power–Down Conditions
On power–up the SMP9317 loads the value of EEPROM
memory into the wiper position register. The value in the
register is changed using the
CS, INC, and UP/DN pins.
The new data in the register will be lost at power-down
unless
CS was brought high, with INC high, to initiate a
store operation after the last increment or decrement. On
the next device power–up, the value of EEPROM memory
will be loaded into the wiper position register. During
power-up the SMP9317 is write-protected in two ways:
1) A power-on reset, that trips at approximately 2.5V,
holds
CS and INC high internally.
2) Resistor pull-ups on all logic inputs prevent data
change if the inputs are floating.
Data Retention
The SMP9317 is guaranteed to perform at least
1,000,000 writes to EEPROM before a wear–out condi-
tion can occur. After EEPROM wearout, the SMP9317
continues to function as a volatile digital-potentiometer.
The wiper position can be changed during powered
conditions using the digital interface. However, on power–
up the wiper–position will be indeterminate.
On shipment from the factory, Summit Microelectronics
does not specify any EEPROM memory value. The value
must be set by the customer as needed.
PIN NAMES
Symbol
Description
INC
Increment Input, High to Low
Edge Trigger
UP/
DN
Up/Down Input controlling relative
VOUT movement
VH
V+ reference input
GND
Analog and Digital Ground
VOUT
Trimmed Voltage Output
VL
V- reference input
CS
Active low chip select input
VDD
Supply Voltage (2.7V to 5.5V)
INC
UP/DN
VH
GND
1
2
3
4
8
7
6
5
2031 ILL1.0
VDD
CS
VL
VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com