Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9317 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMP9317
Description  Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9317 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMP9317 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9317 Datasheet HTML 6Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SMP9317
2031-04 12/4/98
Symbol
Parameter
Min
Max
Unit
Test Method
VZAP
ESD Susceptibility
2000
V
MS-883, TM 3015
ILTH
Latch-Up
100
mA
JEDEC Standard 17
TDR
Data Retention
100
Years
MS-883, TM 1008
NEND
Endurance
1,000,000
Stores
MS-883, TM 1033
RELIABILITY CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
2031 PGM T2.0
Notes:
1. IDD is the supply current drawn while the EEPROM is being updated. IDD does not include the current that flows through the Reference
resistor chain.
2.
CS, UP/DN and INC have internal pull-up resistors of approximately 200k
Ω. When the input is pulled to ground the resulting output
current will be VDD/200k
Ω.
3. TCVOUT is guaranteed but not tested.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Supply Current
CS = VIL to VIH
1.0
mA
during store, note 1
W/
INC HI
ISB
Supply Standby Current
CS = VIH
100
µA
IIH
Input Leakage Current
VIN = VDD
10
µA
IIL
Input Leakage Current, note 2
VIN = 0V
-25
µA
VIH
High Level Input Voltage
2
VDD
V
VIL
Low Level Input Voltage
VDD
≥ 4.5V
0
0.8
V
2031 PGM T4.1
DC ELECTRICAL CHARACTERISTICS
VDD = +2.7V to +5.5V, VH = VDD, VL = 0V, TA = -40
°C to +85°C, Unless otherwise specified



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com