Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1828 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # SSD1828
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button SSD1828 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
SSD1828
Rev 1.10
07/2002
SOLOMON
21
7.14 Read Status Byte
A 8 bits status byte will be placed to the data bus if a read operation is performed if D/C is low. The
status byte is defined as follow.
Table 8 - Read Status Byte
Bit Pattern
Command
Comment
BUSY ON RES 0
1000
Read Status
BUSY=0: Chip is idle
BUSY=1: Chip is executing instruction
ON=0: Display is OFF
ON=1: Display is ON
RES=0: Chip is idle
RES=1: Chip is executing reset
7.15 Data Read / Write
To read data from the GDDRAM, input High to R/W(WR#) pin and D/C pin for 6800-series parallel
mode. Low to E(RD#) pin and High to D/C pin for 8080-series parallel mode. No data read is provided
for serial mode. In normal mode, GDDRAM column address pointer will be increased by one
automatically after each data read. Also, a dummy read is required before the first data is read. See
Figure 3 in Functional Description.
To write data to the GDDRAM, input Low to R/W(WR#) pin and High to D/C pin for 6800-series
parallel mode. For serial interface, it will always be in write mode. GDDRAM column address pointer
will be increased by one automatically after each data write. The address will be reset to 0 in next data
read/write operation is executed when it is 95.
Table 9 - Address Increment Table
D/C
R/W (WR)
Comment
Address Increment
0
0
Write Command
No
0
1
Read Status
No
1
0
Write Data
Yes
1
1
Read Data
Yes
Address Increment is done automatically after data read/write. The column address pointer of
GDDRAM is also affected. It will be reset to 0 in next data read/write operation is executed when it is
95.
Table 10 - Commands Required for R/W (WR#) Actions on RAM
R/W (WR) Actions on RAMs
Commands Required
Read/write Data from/to GDDRAM
Set GDDRAM Page Address
Set GDDRAM Column Address
Read/Write Data
(1011X3X2X1X0)*
(0001X3X2X1X0)*
(0000X3X2X1X0)*
(X7X6X5X4X3X2X1X0)
* No need to resend the command again if it is set previously.
The read / write action to the Display Data RAM does not depend on the display mode. This means the
user can change the RAM content whether the target RAM content is being displayed or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com