Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1828 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1828
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1828 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
SSD1828
Rev 1.10
07/2002
SOLOMON
8
6
PIN DESCRIPTION
6.1
RES
This pin is reset signal input. When the pin is low, initialization of the chip is executed.
6.2
PS0
This pin pair with PS1 to determine the interface protocol between the driver and MCU. Refer to
PS1 pin descriptions for more details.
6.3
PS1
This pin pair with PS0 to determine the interface protocol between the driver and MCU,
according to the following table.
Table 3 - PS0 & PS1 Interface
PS0
PS1
Interface
L
L
3-wire SPI (write only)
L
H
4-wire SPI (write only)
H
L
8080 parallel interface (read and write allowed)
H
H
6800 parallel interface (read and write allowed)
6.4
CS#
This pin is chip select input. The chip is enabled for display data/command transfer only when
CS is low.
6.5
D/C
This input pin is to identify display data/command cycle. When the pin is high, the data written to
the driver will be written into display RAM. When the pin is low, the data will be interpreted as
command. This pin must be connected to VSS when 3-lines SPI interface is used. .
6.6
R/W(WR#)
This pin is microprocessor interface signal. When interfacing to a 6800-series microprocessor,
the signal indicates read mode when high and write mode when low. When interfacing to an
8080-microprocessor, a data write operation is initiated when R/W(WR) is low and the chip is
selected.
6.7
E(RD#)
This pin is microprocessor interface signal. When interfacing to an 6800-series microprocessor,
a data operation is initiated when E(RD) is high and the chip is selected. When interfacing to an
8080-microprocessor, a data read operation is initiated when E(RD) is low and the chip is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com