Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSOP24 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SSOP24
Description  24-LEAD SHRINK SMALL OUTLINE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SSOP24 Datasheet(HTML) 1 Page - STMicroelectronics

  SSOP24 Datasheet HTML 1Page - STMicroelectronics SSOP24 Datasheet HTML 2Page - STMicroelectronics SSOP24 Datasheet HTML 3Page - STMicroelectronics SSOP24 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIMENSIONS
REF.
mm
inch
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
2
0.079
A1
0.05
0.002
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
0.22
0.38
0.009
0.015
c
0.09
0.25
0.004
0.010
D
7.9
8.2
8.5
0.311
0.323
0.335
E
7.4
7.8
8.2
0.291
0.307
0.323
E1
5.00
5.3
5.6
0.197
0.209
0.220
e
0.65
0.0256
K0°
8°
0°
8°
L
0.55
0.75
0.95
0.022
0.030
0.037
November 2002
1/4
PACKAGE AND
PACKING INFORMATION
SSOP24
Weight: not available
24-LEAD SHRINK SMALL OUTLINE
PACKAGE
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e


Similar Part No. - SSOP24

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SSOP28 ZETEX-SSOP28 Datasheet
174Kb / 3P
Surface mounted, 28 pin package
logo
Tontek Design Technolog...
SSOP28-A TONTEK-SSOP28-A Datasheet
587Kb / 81P
Preliminary
More results

Similar Description - SSOP24

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MTD48 NSC-MTD48 Datasheet
62Kb / 1P
48 Lead Molded Thin Shrink Small Outline Package, JEDEC
logo
NXP Semiconductors
SOT340-1 PHILIPS-SOT340-1 Datasheet
11Kb / 1P
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
2003 Mar 24
logo
National Semiconductor ...
MTC16 NSC-MTC16 Datasheet
70Kb / 1P
16 Lead Molded Thin Shrink Small Outline Package, JEDEC NS Package Number MTC16
logo
STMicroelectronics
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
20-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
fujitsu semiconductor
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
STMicroelectronics
TSSOP14 STMICROELECTRONICS-TSSOP14 Datasheet
58Kb / 4P
14-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
Shrink Small Outline Package SSOP DIP Adapters
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com